| Electronic Components Datasheet Search |
|
M306N5FCFP Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306N5FCFP Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 88 page ![]() Rev.2.40 Aug 25, 2006 page 13 of 84 REJ03B0004-0240 M16C/6N Group (M16C/6N5) 2. Central Processing Unit (CPU) Under development This document is under development and its contents are subject to change. 2.3 Frame Base Register (FB) FB is configured with 16 bits, and is used for FB relative addressing. 2.4 Interrupt Table Register (INTB) INTB is configured with 20 bits, indicating the start address of an interrupt vector table. 2.5 Program Counter (PC) PC is configured with 20 bits, indicating the address of an instruction to be executed. 2.6 User Stack Pointer (USP), Interrupt Stack Pointer (ISP) Stack pointer (SP) comes in two types: USP and ISP, each configured with 16 bits. Your desired type of stack pointer (USP or ISP) can be selected by the U flag of FLG. 2.7 Static Base Register (SB) SB is configured with 16 bits, and is used for SB relative addressing. 2.8 Flag Register (FLG) FLG consists of 11 bits, indicating the CPU status. 2.8.1 Carry Flag (C Flag) This flag retains a carry, borrow, or shift-out bit that has occurred in the arithmetic/logic unit. 2.8.2 Debug Flag (D Flag) This flag is used exclusively for debugging purpose. During normal use, set to 0. 2.8.3 Zero Flag (Z Flag) This flag is set to 1 when an arithmetic operation resulted in 0; otherwise, it is 0. 2.8.4 Sign Flag (S Flag) This flag is set to 1 when an arithmetic operation resulted in a negative value; otherwise, it is 0. 2.8.5 Register Bank Select Flag (B Flag) Register bank 0 is selected when this flag is 0; register bank 1 is selected when this flag is 1. 2.8.6 Overflow Flag (O Flag) This flag is set to 1 when the operation resulted in an overflow; otherwise, it is 0. 2.8.7 Interrupt Enable Flag (I Flag) This flag enables a maskable interrupt. Maskable interrupts are disabled when the I flag is 0, and are enabled when the I flag is 1. The I flag is set to 0 when the interrupt request is accepted. 2.8.8 Stack Pointer Select Flag (U Flag) ISP is selected when the U flag is 0; USP is selected when the U flag is 1. The U flag is set to 0 when a hardware interrupt request is accepted or an INT instruction for software interrupt Nos. 0 to 31 is executed. 2.8.9 Processor Interrupt Priority Level (IPL) IPL is configured with three bits, for specification of up to eight processor interrupt priority levels from level 0 to level 7. If a requested interrupt has priority greater than IPL, the interrupt request is enabled. 2.8.10 Reserved Area When white to this bit, write 0. When read, its content is undefined. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |