Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62363FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62363FP
Description  8-bit 8ch D/A Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62363FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62363FP Datasheet HTML 2Page - Renesas Technology Corp M62363FP Datasheet HTML 3Page - Renesas Technology Corp M62363FP Datasheet HTML 4Page - Renesas Technology Corp M62363FP Datasheet HTML 5Page - Renesas Technology Corp M62363FP Datasheet HTML 6Page - Renesas Technology Corp M62363FP Datasheet HTML 7Page - Renesas Technology Corp M62363FP Datasheet HTML 8Page - Renesas Technology Corp M62363FP Datasheet HTML 9Page - Renesas Technology Corp M62363FP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M62363FP
REJ03D0874-0301 Rev.3.01 Apr 15, 2008
Page 7 of 9
Operating Description
VDD
8
GND
DI
CLK
RESET
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VO8
VO7
VO6
VO5
VO4
VO3
VO2
VO1
LD
Do
2.5 V
RR
× 2.4
OP2
OP1
VDAref
4
ch2 latch
R+2R ladder
Decoder
ch1 latch
R+2R ladder
12-bit
shift register
ch3 latch
R+2R ladder
ch4 latch
R+2R ladder
ch5 latch
R+2R ladder
ch6 latch
R+2R ladder
ch7 latch
R+2R ladder
ch8 latch
R+2R ladder
+
−
+
−
Note:
ch1 to ch7 becomes multiplication type D/A converter action of 0 to 5 V range by each output adds
OP1.
ch8 become 4 quadrant multiplication of 0 to 12 V range at 6 V center by add OP1 and OP2 to this
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com