Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62363FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62363FP
Description  8-bit 8ch D/A Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62363FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62363FP Datasheet HTML 2Page - Renesas Technology Corp M62363FP Datasheet HTML 3Page - Renesas Technology Corp M62363FP Datasheet HTML 4Page - Renesas Technology Corp M62363FP Datasheet HTML 5Page - Renesas Technology Corp M62363FP Datasheet HTML 6Page - Renesas Technology Corp M62363FP Datasheet HTML 7Page - Renesas Technology Corp M62363FP Datasheet HTML 8Page - Renesas Technology Corp M62363FP Datasheet HTML 9Page - Renesas Technology Corp M62363FP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M62363FP
REJ03D0874-0301 Rev.3.01 Apr 15, 2008
Page 8 of 9
1. The value of VO depend on output direct buffer.
VO = (VIN – VDAref) •
n
256
+ VDAref… (n = 0 to 255) …(1)
<VIN = 5 V>
<VIN = 0 V>
n
VO
n
VO
0
0
0
2.5
128
3.75
128
1.25
255
4.99
255
0.01
2. The value of VO depend on application of ch8.
VOP1 = (VIN – VDAref) • (
n
128
– 1) + VDAref… (n = 0 to 255) …(2)
VOP2 = VOP1 × 2.4 ……………………………………………. (3)
<VIN = 5 V>
<VIN = 0 V>
n
VOP1
n
VOP1
0
0
0
5.00
128
2.50
128
2.50
255
4.98
255
0.02
n
VOP1
n
VOP1
0
0
0
12.00
128
6.00
128
6.00
255
11.95
255
0.05
Application Example of Cascade Connection
CLK
LD
ch8
ch9
LD
CLK
DI
VO1
VO8
DI
VIN1
VIN8
VDAref
2.5 V
ch16
CLK
Micro
computer
DI
LD
ch1
VO1
DO
VO8
VIN1
VIN8
VDAref
+
−
+
−
Note:
In this example, M62363
× 2 are connected in cascade.
A 24-bit input data can be used to automatically control up to 16 channels.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com