Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62363FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62363FP
Description  8-bit 8ch D/A Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62363FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62363FP Datasheet HTML 1Page - Renesas Technology Corp M62363FP Datasheet HTML 2Page - Renesas Technology Corp M62363FP Datasheet HTML 3Page - Renesas Technology Corp M62363FP Datasheet HTML 4Page - Renesas Technology Corp M62363FP Datasheet HTML 5Page - Renesas Technology Corp M62363FP Datasheet HTML 6Page - Renesas Technology Corp M62363FP Datasheet HTML 7Page - Renesas Technology Corp M62363FP Datasheet HTML 8Page - Renesas Technology Corp M62363FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M62363FP
REJ03D0874-0301 Rev.3.01 Apr 15, 2008
Page 3 of 9
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VIND
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
D/A reference voltage
VDAref
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
<Digital Part>
(VDD, VIN = +5 V ± 10%, VDD ≥ VIN, GND = VDAref = 0 V, Ta = –20 to +75°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VDD
4.5
5.0
5.5
V
Input leak current
IILK
–10
—
10
μA
VIN = 0 to VDD
Input low voltage
VIL
—
—
0.2 VDD
V
Input high voltage
VIH
0.8 VDD
—
—
V
Output low voltage
VOL
—
—
0.4
V
IOL = 2.5 mA
Output high voltage
VOH
VDD – 0.4
—
—
V
IOH = –400 μA
<Analog Part>
(VDD, VIN = +5 V ± 10%, VDD ≥ VIN, GND = VDAref = 0 V, Ta = –20 to +75°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Input current
IIN
—
—
0.30
mA
VIN = 5 V, VDAref = 0 V
Proportional to Max. input current
condition (VIN – VDAref) and digital
data of each cannels
D/A reference input current
IDAref
–2.40
—
—
mA
VIN1 to VIN8 = 5 V, VDAref = 0 V
Proportional to Max. input current
condition (VIN – VDAref) and digital
data of each channels
Output impedance
RO
—
—
50
k
Ω
Constant for all D/A output mode
Resolution
RES
—
8
—
bit
Differential nonlinearity
DNL
–1
—
1
LSB
Nonlinearity
NL
–1
—
1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com