Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62446AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62446AFP
Description  6ch Electronic Volume with Tone Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62446AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62446AFP Datasheet HTML 1Page - Renesas Technology Corp M62446AFP Datasheet HTML 2Page - Renesas Technology Corp M62446AFP Datasheet HTML 3Page - Renesas Technology Corp M62446AFP Datasheet HTML 4Page - Renesas Technology Corp M62446AFP Datasheet HTML 5Page - Renesas Technology Corp M62446AFP Datasheet HTML 6Page - Renesas Technology Corp M62446AFP Datasheet HTML 7Page - Renesas Technology Corp M62446AFP Datasheet HTML 8Page - Renesas Technology Corp M62446AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
M62446AFP
REJ03F0212-0201 Rev.2.01 Mar 31, 2008
Page 4 of 18
Pin Description
Pin No.
Symbol
Function
Circuit
1
OUT4
2
OUT3
3
OUT2
4
OUT1
Port OUTPUT
OUTPUT: PMOS Transistor open drain
DVDD (= 5V)
1 to 4
5
AVDD
Analog positive power
supply
+7 V
7
GNDS
10
GNDC
12
GNDR
14
GNDL
GND
Connect to analog GND
6
SW in
8
SR in
9
SL in
11
C in
Volume INPUT
36
SW out
35
SR out
34
SL out
33
C out
Volume OUTPUT
+
–
6,8,9,11
18 to 22 k
Ω
(Typ)
33,34,35,36
13
R in
15
L in
Tone INPUT
+
–
70 k
Ω
(Typ)
13,15
16
BYPASSR
17
BYPASSL
L, R volume INPUT in
BYPASS mode
31
L out
L OUTPUT
32
R out
R OUTPUT
+
–
16,17
18 to 22 k
Ω
(Typ)
31,32
70 k
Ω
(Typ)
18
LTRE
25
RTRE
Tone treble cycle control
18,25
19
LBASS3
24
RBASS3
20
LBASS2
23
RBASS2
21
LBASS1
26
RBASS1
Tone bass cycle control
21,22
20,23
19,24
2.3 k
Ω
(Typ)
22
CR2
28
CL2
Tone OUTPUT
+
–
26,28
27
CR1
29
CL1
L, R volume INPUT
31
L out
L OUTPUT
32
R out
R OUTPUT
+
–
27,29
18 to 22 k
Ω
(Typ)
31,32
70 k
Ω
(Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com