Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62446AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62446AFP
Description  6ch Electronic Volume with Tone Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62446AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62446AFP Datasheet HTML 1Page - Renesas Technology Corp M62446AFP Datasheet HTML 2Page - Renesas Technology Corp M62446AFP Datasheet HTML 3Page - Renesas Technology Corp M62446AFP Datasheet HTML 4Page - Renesas Technology Corp M62446AFP Datasheet HTML 5Page - Renesas Technology Corp M62446AFP Datasheet HTML 6Page - Renesas Technology Corp M62446AFP Datasheet HTML 7Page - Renesas Technology Corp M62446AFP Datasheet HTML 8Page - Renesas Technology Corp M62446AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REJ03F0212-0201 Rev.2.01 Mar 31, 2008
Page 1 of 18
M62446AFP
6ch Electronic Volume with Tone Control
REJ03F0212-0201
Rev.2.01
Mar 31, 2008
Description
The M62446AFP is 6ch electronic volume with tone control. This IC is revised from M62446FP. The extended
function of M62446AFP is volume level and tone control level. M62446AFP is easy to use more than M62446FP.
Features
• 6ch Electric volume
Volume level: 0 to –95 dB (1 dB/step)* <M62446FP: 0 to –79 dB (1 dB/step)>
• Tone control
Bass/Treble: –14 dB to +14 dB (2 dB/step)* <M62446FP: –10 dB to +10 dB (2 dB/step)>
• Noise voltage: 1.5 µVrms <M62446FP: 2.2 µVrms>
• 4 Output ports
• Bypass mode is high quality sound.
Note: * is an extended function.
Application
DVD, Home Audio equipment, TV
Recommended Operating Conditions
Supply voltage range:
±4.5 to ±7.5 V (analog), 4.5 V to 5.5 V (digital)
Recommended supply voltage: ±7.0 V (analog), 5.0 V (digital)


Similar Part No. - M62446AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
More results

Similar Description - M62446AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
6ch Electronic Volume with Tone Control
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
6CH ELECTRONIC VOLUME CONTROLLER
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
6ch Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com