Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62446AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62446AFP
Description  6ch Electronic Volume with Tone Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62446AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62446AFP Datasheet HTML 3Page - Renesas Technology Corp M62446AFP Datasheet HTML 4Page - Renesas Technology Corp M62446AFP Datasheet HTML 5Page - Renesas Technology Corp M62446AFP Datasheet HTML 6Page - Renesas Technology Corp M62446AFP Datasheet HTML 7Page - Renesas Technology Corp M62446AFP Datasheet HTML 8Page - Renesas Technology Corp M62446AFP Datasheet HTML 9Page - Renesas Technology Corp M62446AFP Datasheet HTML 10Page - Renesas Technology Corp M62446AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
M62446AFP
REJ03F0212-0201 Rev.2.01 Mar 31, 2008
Page 7 of 18
Data Timing (Recommended Conditions)
CLOCK
DATA
LATCH
75%
25%
tr
tf
tWHC
tWLC
tcr
75%
25%
tr
tf
tr
tf
75%
25%
tSD
tHD
tWHL
tSL
25%
tsc
Digital Block Timing Regulation
Limits
Item
Symbol
Min
Typ
Max
Unit
CLOCK cycle time
tcr
8
—
—
CLOCK pulse width ("H" level)
tWHC
3.2
—
—
CLOCK pulse width ("L" level)
tWLC
3.2
—
—
CLOCK, DATA, LATCH rise time
tr
—
—
0.8
CLOCK, DATA, LATCH fall time
tf
—
—
0.8
DATA setup time
tSD
1.6
—
—
DATA hold time
tHD
1.6
—
—
LATCH setup time
tSL
2
—
—
LATCH pulse width
tWHL
3.2
—
—
CLOCK start time after LATCH
tSC
3.2
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com