Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404338FS Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HD404338FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404338FS Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HD404338FS Datasheet HTML 33Page - Renesas Technology Corp HD404338FS Datasheet HTML 34Page - Renesas Technology Corp HD404338FS Datasheet HTML 35Page - Renesas Technology Corp HD404338FS Datasheet HTML 36Page - Renesas Technology Corp HD404338FS Datasheet HTML 37Page - Renesas Technology Corp HD404338FS Datasheet HTML 38Page - Renesas Technology Corp HD404338FS Datasheet HTML 39Page - Renesas Technology Corp HD404338FS Datasheet HTML 40Page - Renesas Technology Corp HD404338FS Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
HD404339 Series
35
Bit
Initial value
Read/Write
Bit name
3
0
W
MIS3
2
0
W
MIS2
0
0
W
MIS0
1
0
W
MIS1
MIS2
CMOS Buffer
On/Off Selection
for Pin R02/SO
Miscellaneous register (MIS: $00C)
0
1
CMOS on
CMOS off
Refer to figure 14 in the
operation modes section.
tRC selection.
MIS3
0
1
Pull-Up MOS
On/Off Selection
Pull-up MOS off
Pull-up MOS on
(refer to table 5)
MIS1
MIS0
Note: The on/off status of each transistor and the peripheral function mode of each pin can be
set independently.
Figure 25 Miscellaneous Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com