Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404338FS Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HD404338FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404338FS Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HD404338FS Datasheet HTML 20Page - Renesas Technology Corp HD404338FS Datasheet HTML 21Page - Renesas Technology Corp HD404338FS Datasheet HTML 22Page - Renesas Technology Corp HD404338FS Datasheet HTML 23Page - Renesas Technology Corp HD404338FS Datasheet HTML 24Page - Renesas Technology Corp HD404338FS Datasheet HTML 25Page - Renesas Technology Corp HD404338FS Datasheet HTML 26Page - Renesas Technology Corp HD404338FS Datasheet HTML 27Page - Renesas Technology Corp HD404338FS Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
HD404339 Series
22
The MCU automatically provides an oscillation stabilization period t
RC when operation switches from
watch mode to active mode. The interrupt frame period T and one of three values for t
RC can be selected
with the miscellaneous register (MIS: $00C), as listed in figure 14.
Operation can switch directly from subactive mode to active mode, as illustrated in figure 15. In this case,
the transition time T
D obeys the following relationship.
t
RC < TD < T + t RC
Bit
Initial value
Read/Write
Bit name
3
0
W
MIS3
2
0
W
MIS2
0
0
W
MIS0
1
0
W
MIS1
Miscellaneous register (MIS: $00C)
MIS1
0
MIS0
T*1
0
0.24414 ms
tRC*1
0.12207 ms
0.24414 ms*2
7.8125 ms
62.5 ms
Oscillation Circuit Conditions
External clock input
Ceramic oscillator
0
1
1
1
0
1
15.625 ms
125 ms
Not used
—
Notes: 1.
2.
The values of T and tRC are applied when a 32.768-kHz crystal oscillator is used.
The value is applied only when direct transfer operation is used.
Buffer control.
Refer to figure 24.
MIS3
MIS2
Crystal oscillator
Figure 14 Miscellaneous Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com