Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404338FS Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # HD404338FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404338FS Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button HD404338FS Datasheet HTML 61Page - Renesas Technology Corp HD404338FS Datasheet HTML 62Page - Renesas Technology Corp HD404338FS Datasheet HTML 63Page - Renesas Technology Corp HD404338FS Datasheet HTML 64Page - Renesas Technology Corp HD404338FS Datasheet HTML 65Page - Renesas Technology Corp HD404338FS Datasheet HTML 66Page - Renesas Technology Corp HD404338FS Datasheet HTML 67Page - Renesas Technology Corp HD404338FS Datasheet HTML 68Page - Renesas Technology Corp HD404338FS Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
HD404339 Series
63
MSB
bit 7
LSB
bit 0
RESULT
0
1
ADRL: $017
2
3
0
1
ADRU: $018
2
3
Figure 51 A/D Data Register
0
R
0
ADRL0
1
R
0
ADRL1
Bit
Read/write
Initial value after reset
Bit name
A/D data register (lower) (ADRL: $017)
2
R
0
ADRL2
3
R
0
ADRL3
Figure 52 A/D Data Register (Lower) (ADRL)
0
R
0
ADRU0
1
R
0
ADRU1
Bit
Read/write
Initial value after reset
Bit name
A/D data register (upper) (ADRU: $018)
2
R
0
ADRU2
3
R
1
ADRU3
Figure 53 A/D Data Register (Upper) (ADRU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com