Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 4Page - Renesas Technology Corp 7477 Datasheet HTML 5Page - Renesas Technology Corp 7477 Datasheet HTML 6Page - Renesas Technology Corp 7477 Datasheet HTML 7Page - Renesas Technology Corp 7477 Datasheet HTML 8Page - Renesas Technology Corp 7477 Datasheet HTML 9Page - Renesas Technology Corp 7477 Datasheet HTML 10Page - Renesas Technology Corp 7477 Datasheet HTML 11Page - Renesas Technology Corp 7477 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
7
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
FUNCTIONS OF 7477/7478 GROUP
Basic machine-language instructions
Instruction execution time
Clock input oscillation frequency
Memory size
Input/Output port
Serial I/O
Timers
A-D converter
Subroutine nesting
Interrupt
Clock generating circuit
Power source voltage
Power dissipation
Input/Output characters
Operating temperature range
Device structure
Package
M37477M2T, M37478M2T
M37477M4, M37478M4
M37477M8/E8, M37478M8/E8
Input/Output voltage
Output current
M37477M4/M8/E8-XXXSP,
M37477M2/M4/M8/E8TXXXSP
M37477M4/M8/E8-XXXFP,
M37477M2/M4/M8/E8TXXXFP
M37478M4/M8/E8-XXXSP,
M37478M2/M4/M8/E8TXXXSP
M37478M4/M8/E8-XXXFP,
M37478M2/M4/M8/E8TXXXFP
M37478E8SS
Functions
71
0.5
µs (The minimum instructions, at 8 MHz oscillation frequency)
8 MHz (max.)
4096 bytes
128 bytes
8192 bytes
192 bytes
16384 bytes
384 bytes
8-bit ! 2
8-bit ! 1 (4-bit ! 1 for the 7477 group)
4-bit ! 2 (Port P5 is not included in the 7477 group)
4-bit ! 1 (2-bit ! 1 for the 7477 group)
8-bit ! 1
8-bit timer ! 4
8-bit ! 1 (8 channels) (8-bit ! 1 (4 channels) for the 7477 group)
64 (max.)
96 (max.)
192 (max.)
5 external interrupts, 7 internal interrupts, 1 software interrupt
Built-in circuit with internal feedback resistor (a ceramic or a quartz-
crystal oscillator)
2.7 to 4.5V (at 2.2VCC–2.0MHz oscillation frequency), 4.5 to 5.5V
(at 8MHz oscillation frequency)
35mW (at 8MHz oscillation frequency)
5V
–5 to 10mA (P0, P1, P4 : CMOS tri-states)
–20 to 85°C (–40 to 85°C for extended operating temperature version)
CMOS silicon gate
32-pin shrink plastic molded DIP
32-pin plastic molded SOP
42-pin shrink plastic molded DIP
56-pin plastic molded QFP
42-pin ceramic DIP
ROM
RAM
ROM
RAM
(P)ROM
RAM
I/O
Input
Input
I/O
Parameter
M37477M2T
M37478M2T
M37477M4
M37478M4
M37477M8/E8
M37478M8/E8
P0, P1
P2
P3, P5
P4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com