Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 7477
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 14Page - Renesas Technology Corp 7477 Datasheet HTML 15Page - Renesas Technology Corp 7477 Datasheet HTML 16Page - Renesas Technology Corp 7477 Datasheet HTML 17Page - Renesas Technology Corp 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
17
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 7 Structure of timer mode registers
Timer 12 mode register (T12M)
(Address 00F816)
Timer 1 count stop bit
0 : Count start
1 : Count stop
Timer 1 count source selection bit
0 : Internal clock (Note 1)
1 : P32/CNTR0 external clock
Timer 1 internal clock source
selection bit (Note 2)
0 : f(XIN) divided by 16 or
f(XCIN) divided by 16
1 : f(XCIN)
P12/T0 port output selection bit
0 : P12 port output
1 : Timer 1 overflow divided by 2
Timer 2 count stop bit
0 : Count start
1 : Count stop
Timer 2 count source selection bit
0 : Internal clock
1 : Timer 1 overflow
Timer 2 internal clock source
selection bits (Note 3)
00 : f(XIN) divided by 16 or
f(XCIN) divided by 16
01 : f(XIN) divided by 64 or
f(XCIN) divided by 64
10 : f(XIN) divided by 128 or
f(XCIN) divided by 128
11 : f(XIN) divided by 256 or
f(XCIN) divided by 256
b7
b0
Timer mode register 2 (TM2)
(Address 00FA16)
Timer 1 overflow FF set enable bit
0 : Set disable
1 : Set enable
Timer 4 overflow FF set enable bit
0 : Set disable
1 : Set enable
Nothing is allocated
(The value is undefined at reading)
Timer 3, timer 4 count overflow signal
selection bit
0 : Timer 1 overflow
1 : Timer 2 overflow
Timer 3, timer 4 function selection bit
0 : Normal mode
1 : PWM mode
b7
b0
Timer 34 mode register (T34M)
(Address 00F916)
Timer 3 count stop bit
0 : Count start
1 : Count stop
Timer 3 count source selection bits (Note 3)
00 : f(XIN) divided by 16 or
f(XCIN) divided by 16
01 : f(XCIN)
10 : Timer 1 overflow or timer 2 overflow
11 : P33/CNTR1 external clock
Timer 4 count stop bit
0 : Count start
1 : Count stop
Timer 4 count source selection bits (Note 3)
00 : Timer 3 overflow
01 : f(XIN) divided by 16 or
f(XCIN) divided by 16
10 : Timer 1 overflow or timer 2 overflow
11 : P33/CNTR1 external clock
Timer 4 pulse width measuring mode
selection bit
0 : Timer mode
1 : Pulse width measuring mode
P13/T1 port output selection bit
0 : P13 port output
1 : Timer 4 overflow divided by 2
or PWM output
b7
b0
Notes 1 : f(XIN) divided by 16 in the 7477 group.
2 : The 7477 group does not use this bit (bit 2). Set this bit to “0”.
3 : Do not select f(XCIN) as the count source in the 7477 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com