Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4501 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp 4501 Datasheet HTML 32Page - Renesas Technology Corp 4501 Datasheet HTML 33Page - Renesas Technology Corp 4501 Datasheet HTML 34Page - Renesas Technology Corp 4501 Datasheet HTML 35Page - Renesas Technology Corp 4501 Datasheet HTML 36Page - Renesas Technology Corp 4501 Datasheet HTML 37Page - Renesas Technology Corp 4501 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
Rev.3.01
2005.02.07
page 34 of 112
REJ03B0104-0301
4501 Group
Table 13 Change of successive comparison register AD during A/D conversion
Comparison voltage (Vref) value
Change of successive comparison register AD
At starting conversion
±
±
±
±
±
✼1: 1st comparison result
✼3: 3rd comparison result
✼9: 9th comparison result
✼2: 2nd comparison result
✼8: 8th comparison result
✼A: 10th comparison result
1st comparison
2nd comparison
3rd comparison
After 10th comparison
completes
1
✼1
✼1
✼1
-----
-----
-----
-----
0
1
✼2
✼2
0
0
1
✼3
0
0
0
✼8
0
0
0
✼9
0
0
0
✼A
A/D conversion result
VDD
2
VDD
2
VDD
2
VDD
2
VDD
4
VDD
4
VDD
8
VDD
1024
-------------
-------------
-------------
-------------
-------------
-------------
-------------
-------------
Fig. 30 Setting registers
A/D control register Q1
AIN1 pin selected
A/D conversion mode
0
001
(Bit 3)
(Bit 0)
(7) A/D conversion timing chart
Figure 29 shows the A/D conversion timing chart.
Fig. 29 A/D conversion timing chart
(8) How to use A/D conversion
How to use A/D conversion is explained using as example in which
the analog input from P21/AIN1 pin is A/D converted, and the high-
order 4 bits of the converted data are stored in address M(Z, X, Y)
= (0, 0, 0), the middle-order 4 bits in address M(Z, X, Y) = (0, 0, 1),
and the low-order 2 bits in address M(Z, X, Y) = (0, 0, 2) of RAM.
The A/D interrupt is not used in this example.
➀ Select the AIN1 pin function and A/D conversion mode with the
register Q1 (refer to Figure 30).
➁ Execute the ADST instruction and start A/D conversion.
➂ Examine the state of ADF flag with the SNZAD instruction to de-
termine the end of A/D conversion.
➃ Transfer the low-order 2 bits of converted data to the high-order
2 bits of register A (TALA instruction).
➄ Transfer the contents of register A to M (Z, X, Y) = (0, 0, 2).
➅ Transfer the high-order 8 bits of converted data to registers A
and B (TABAD instruction).
➆ Transfer the contents of register A to M (Z, X, Y) = (0, 0, 1).
➇ Transfer the contents of register B to register A, and then, store
into M(Z, X, Y) = (0, 0, 0).
ADST instruction
A/D conversion
completion flag (ADF)
62 machine cycles
DAC operation signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com