Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4501 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 18Page - Renesas Technology Corp 4501 Datasheet HTML 19Page - Renesas Technology Corp 4501 Datasheet HTML 20Page - Renesas Technology Corp 4501 Datasheet HTML 21Page - Renesas Technology Corp 4501 Datasheet HTML 22Page - Renesas Technology Corp 4501 Datasheet HTML 23Page - Renesas Technology Corp 4501 Datasheet HTML 24Page - Renesas Technology Corp 4501 Datasheet HTML 25Page - Renesas Technology Corp 4501 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
Rev.3.01
2005.02.07
page 22 of 112
REJ03B0104-0301
4501 Group
Table 7 External interrupt activated conditions
Name
External 0 interrupt
Input pin
INT
Activated condition
When the next waveform is input to INT pin
• Falling waveform (“H”
→“L”)
• Rising waveform (“L”
→“H”)
• Both rising and falling waveforms
Valid waveform
selection bit
I11
I12
Fig. 17 External interrupt circuit structure
EXTERNAL INTERRUPTS
The 4501 Group has the external 0 interrupt. An external interrupt
request occurs when a valid waveform is input to an interrupt input
pin (edge detection).
The external interrupt can be controlled with the interrupt control
register I1.
(1) External 0 interrupt request flag (EXF0)
External 0 interrupt request flag (EXF0) is set to “1” when a valid
waveform is input to INT pin.
The valid waveforms causing the interrupt must be retained at their
level for 4 clock cycles or more of the system clock (Refer to Figure
16).
The state of EXF0 flag can be examined with the skip instruction
(SNZ0). Use the interrupt control register V1 to select the interrupt
or the skip instruction. The EXF0 flag is cleared to “0” when an in-
terrupt occurs or when the next instruction is skipped with the skip
instruction.
• External 0 interrupt activated condition
External 0 interrupt activated condition is satisfied when a valid
waveform is input to INT pin.
The valid waveform can be selected from rising waveform, falling
waveform or both rising and falling waveforms. An example of
how to use the external 0 interrupt is as follows.
➀ Set the bit 3 of register I1 to “1” for the INT pin to be in the input
enabled state.
➁ Select the valid waveform with the bits 1 and 2 of register I1.
➂ Clear the EXF0 flag to “0” with the SNZ0 instruction.
➃ Set the NOP instruction for the case when a skip is performed
with the SNZ0 instruction.
➄ Set both the external 0 interrupt enable bit (V10) and the INTE
flag to “1.”
The external 0 interrupt is now enabled. Now when a valid wave-
form is input to the INT pin, the EXF0 flag is set to “1” and the
external 0 interrupt occurs.
0
1
I12
0
1
EXF0
I11
SNZI0 instruction
P13/INT
K13
I13
(Note)
Wakeup
Skip
Rising
Falling
One-sided edge
detection circuit
Both edges
detection circuit
External 0
interrupt
This symbol represents a parasitic diode on the port.
•
Timer 1 count start
synchronization
circuit input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com