Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4501 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 48Page - Renesas Technology Corp 4501 Datasheet HTML 49Page - Renesas Technology Corp 4501 Datasheet HTML 50Page - Renesas Technology Corp 4501 Datasheet HTML 51Page - Renesas Technology Corp 4501 Datasheet HTML 52Page - Renesas Technology Corp 4501 Datasheet HTML 53Page - Renesas Technology Corp 4501 Datasheet HTML 54Page - Renesas Technology Corp 4501 Datasheet HTML 55Page - Renesas Technology Corp 4501 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
Rev.3.01
2005.02.07
page 52 of 112
REJ03B0104-0301
4501 Group
Electric Characteristic Differences Between Mask ROM and One
Time PROM Version MCU
There are differences in electric characteristics, operation margin,
noise immunity, and noise radiation between Mask ROM and One
Time PROM version MCUs due to the difference in the manufac-
turing processes.
When manufacturing an application system with the One time
PROM version and then switching to use of the Mask ROM ver-
sion, please perform sufficient evaluations for the commercial
samples of the Mask ROM version.
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
Power-on reset
Reset can be automatically performed at power on (power-on re-
set) by the built-in power-on reset circuit. When the built-in
power-on reset circuit is used, the time for the supply voltage to
rise from 0 V to 2.0 V must be set to 100
µs or less. If the rising
time exceeds 100
µs, connect a capacitor between the RESET
pin and VSS at the shortest distance, and input “L” level to RE-
SET pin until the value of supply voltage reaches the minimum
operating voltage.
Clock control
Execute the CMCK or the CRCK instruction in the initial setting
routine of program (executing it in addres 0 in page 0 is recom-
mended).
The oscillation circuit by the CMCK or CRCK instruction can be
selected only at once. The oscillation circuit corresponding to the
first executed one of these two instruction is valid. Other oscilla-
tion circuits and the on-chip oscillator stop.
On-chip oscillator
The clock frequency of the on-chip oscillator depends on the sup-
ply voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
Also, the oscillation stabilize wait time after system is released
from reset is generated by the on-chip oscillator clock. When
considering the oscillation stabilize wait time after system is re-
leased from reset, be careful that the variable frequency of the
on-chip oscillator clock.
External clock
When the external signal clock is used as the source oscillation
(f(XIN)), note that the RAM back-up mode (POF and POF2 in-
structions) cannot be used.
23
24
19
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com