| Electronic Components Datasheet Search |
|
4513 Datasheet(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Datasheet(HTML) 53 Page - Renesas Technology Corp |
|
53 / 97 page ![]() 52 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS (4) Return signal An external wakeup signal is used to return from the RAM back-up mode because the oscillation is stopped. Table 21 shows the return condition for each return source. (5) Ports P0 and P1 control registers • Key-on wakeup control register K0 Register K0 controls the ports P0 and P1 key-on wakeup func- tion. Set the contents of this register through register A with the TK0A instruction. In addition, the TAK0 instruction can be used to transfer the contents of register K0 to register A. • Pull-up control register PU0 Register PU0 controls the ON/OFF of the ports P0 and P1 pull-up transistor. Set the contents of this register through register A with the TPU0A instruction. In addition, the TAPU0 instruction can be used to transfer the contents of register PU0 to register A. Table 21 Return source and return condition Remarks Set the port using the key-on wakeup function selected with register K0 to “H” level before going into the RAM back-up state because the port P0 shares the falling edge detection circuit with port P1. Select the return level (“L” level or “H” level) with the bit 2 of register I1 ac- cording to the external state before going into the RAM back-up state. Select the return level (“L” level or “H” level) with the bit 2 of register I2 ac- cording to the external state before going into the RAM back-up state. Return condition Return by an external falling edge input (“H” →“L”). Return by an external “H” level or “L” level input. The EXF0 flag is not set. Return by an external “H” level or “L” level input. The EXF1 flag is not set. Return source Ports P0, P1 Port P30/INT0 Port P31/INT1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |