| Electronic Components Datasheet Search |
|
4513 Datasheet(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Datasheet(HTML) 80 Page - Renesas Technology Corp |
|
80 / 97 page ![]() Skip condition Datailed description 79 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – (D(Y)) = 0 (Y) = 0 to 7 – – – – – Transfers the input of port P0 to register A. Outputs the contents of register A to port P0. Transfers the input of port P1 to register A. Outputs the contents of register A to port P1. Transfers the input of port P2 to register A. Transfers the input of port P3 to register A. Outputs the contents of register A to port P3. Transfers the input of port P4 to register A. Outputs the contents of register A to port P4. Transfers the input of port P5 to register A. Outputs the contents of register A to port P5. Sets (1) to port D. Clears (0) to a bit of port D specified by register Y. Sets (1) to a bit of port D specified by register Y. Skips the next instruction when a bit of port D specified by register Y is “0.” Transfers the contents of register A to key-on wakeup control register K0. Transfers the contents of key-on wakeup control register K0 to register A. Transfers the contents of register A to pull-up control register PU0. Transfers the contents of pull-up control register PU0 to register A. Transfers the contents of register A to direction register FR0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |