| Electronic Components Datasheet Search |
|
4513 Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 97 page ![]() Skip condition Datailed description 71 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS Continuous description – – – Overflow = 0 – – – – (CY) = 0 – – – – (Mj(DP)) = 0 j = 0 to 3 (A) = (M(DP)) (A) = n – – – 0/1 – – – 1 0 – – 0/1 – – – – – Loads the value n in the immediate field to register A. When the LA instructions are continuously coded and executed, only the first LA instruction is executed and other LA instructions coded continuously are skipped. Transfers bits 7 to 4 to register B and bits 3 to 0 to register A. These bits 7 to 0 are the ROM pattern in ad- dress (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers A and D in page p. When this instruction is executed, 1 stage of stack register is used. Adds the contents of M(DP) to register A. Stores the result in register A. The contents of carry flag CY re- mains unchanged. Adds the contents of M(DP) and carry flag CY to register A. Stores the result in register A and carry flag CY. Adds the value n in the immediate field to register A. The contents of carry flag CY remains unchanged. Skips the next instruction when there is no overflow as the result of operation. Takes the AND operation between the contents of register A and the contents of M(DP), and stores the re- sult in register A. Takes the OR operation between the contents of register A and the contents of M(DP), and stores the result in register A. Sets (1) to carry flag CY. Clears (0) to carry flag CY. Skips the next instruction when the contents of carry flag CY is “0.” Stores the one’s complement for register A’s contents in register A. Rotates 1 bit of the contents of register A including the contents of carry flag CY to the right. Sets (1) the contents of bit j (bit specified by the value j in the immediate field) of M(DP). Clears (0) the contents of bit j (bit specified by the value j in the immediate field) of M(DP). Skips the next instruction when the contents of bit j (bit specified by the value j in the immediate field) of M(DP) is “0.” Skips the next instruction when the contents of register A is equal to the contents of M(DP). Skips the next instruction when the contents of register A is equal to the value n in the immediate field. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |