Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7542 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7542
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7542 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7542 Datasheet HTML 55Page - Renesas Technology Corp 7542 Datasheet HTML 56Page - Renesas Technology Corp 7542 Datasheet HTML 57Page - Renesas Technology Corp 7542 Datasheet HTML 58Page - Renesas Technology Corp 7542 Datasheet HTML 59Page - Renesas Technology Corp 7542 Datasheet HTML 60Page - Renesas Technology Corp 7542 Datasheet HTML 61Page - Renesas Technology Corp 7542 Datasheet HTML 62Page - Renesas Technology Corp 7542 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 59 of 117
REJ03B0006-0303
Reset Circuit
The 7542 group starts operation by the on-chip oscillator after sys-
tem is released from reset.
Accordingly, when the rising of power supply voltage passes 2.2V,
set the reset input voltage to become below 0.2Vcc (0.44V).
Moreover, switch CPU clock to the external oscillator after the ris-
ing of power supply voltage passes the minimum operation
voltage and after an oscillation is stabilized.
Note: The minimum operation voltage is decided by the division
ratio of an external oscillator's frequency and a CPU clock.
Decide on an external oscillator's oscillation stabilizing time
after fully evaluating an oscillator's stabilizing time used.
Fig. 73 Example of reset circuit
Fig. 74 Timing diagram at reset
(Note)
0.2 VCC
0 V
0 V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage
detection circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage Vcc = 2.2 V
Data
Address
8-13 clock cycles
Reset address from the
vector table
1 : An on-chip oscillator applies about RING•2 MHz, φ•250 kHz frequency clock
at average of Vcc = 5 V.
2 : The mark “?” means that the address is changeable depending on the previous state.
3 : These are all internal signals except RESET.
Notes
??
FFFC
FFFD
ADH,ADL
??
?
??
ADL
ADH
??
?
Clock from
on-chip oscillator
RING
φ
RESET
RESETOUT
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com