Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7542 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7542
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7542 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7542 Datasheet HTML 87Page - Renesas Technology Corp 7542 Datasheet HTML 88Page - Renesas Technology Corp 7542 Datasheet HTML 89Page - Renesas Technology Corp 7542 Datasheet HTML 90Page - Renesas Technology Corp 7542 Datasheet HTML 91Page - Renesas Technology Corp 7542 Datasheet HTML 92Page - Renesas Technology Corp 7542 Datasheet HTML 93Page - Renesas Technology Corp 7542 Datasheet HTML 94Page - Renesas Technology Corp 7542 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 91 of 117
REJ03B0006-0303
Pin name
Signal name
I/O
VCC,VSS
Power supply
I
CNVSS
CNVSS
I
RESET
Reset input
I
XIN
Clock input
I
XOUT
Clock output
O
VREF
Reference voltage input
I
P00–P03
I/O port P0
I/O
P04
RxD input
I
P05
TxD output
O
P06
SCLK input
I
P07
BUSY output
O
P10–P14
I/O port P1
I/O
P20–P27
I/O port P2
I/O
P30, P31, P33–P36
I/O port P3
I/O
P32
CE input
I
P37
RP input
I
I
(2) Standard serial I/O mode 2
Table 14 Description of pin function (standard serial I/O mode 2)
Function
Apply 2.7 to 5.5 V to the Vcc pin and 0 V to the Vss pin.
After input of port is set, input “H” level.
Reset input pin. System operates when RESET pin is set to “H” level after
CNVss pin is set to “H” level.
Connect an oscillation circuit between the XIN and XOUT pins.
As for the connection method, refer to the “clock generating circuit”.
(When system operates only by the on-chip oscillator, an external circuit is not
required.)
Apply reference voltage of A/D to this pin.
Input “L” or “H” level, or keep open.
Serial data input pin.
Serial data output pin.
Input “L” level.
BUSY signal output pin.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open.
Input “H” level.
Input “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com