Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7542 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7542
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7542 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7542 Datasheet HTML 25Page - Renesas Technology Corp 7542 Datasheet HTML 26Page - Renesas Technology Corp 7542 Datasheet HTML 27Page - Renesas Technology Corp 7542 Datasheet HTML 28Page - Renesas Technology Corp 7542 Datasheet HTML 29Page - Renesas Technology Corp 7542 Datasheet HTML 30Page - Renesas Technology Corp 7542 Datasheet HTML 31Page - Renesas Technology Corp 7542 Datasheet HTML 32Page - Renesas Technology Corp 7542 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 29 of 117
REJ03B0006-0303
Fig. 27 Timing of interrupt request generation, interrupt request bit, and interrupt acceptance
Instruction cycle
Push onto stack
Vector fetch
Instruction cycle
Internal clock φ
SYNC
T1
IR1 T2
IR2 T3
➀
➁
T1 T2 T3 : Interrupt acceptance timing points
IR1 IR2 : Timings points at which the interrupt request bit is set to “1”.
Note : Period 2 indicates the last φ cycle during one instruction cycle.
(1) The interrupt request bit for an interrupt request generated during period 1 is set to “1” at timing point IR1.
(2) The interrupt request bit for an interrupt request generated during period 2 is set to “1” at timing point IR1 or IR2.
The timing point at which the bit is set to “1” varies depending on conditions. When two or more interrupt
requests are generated during the period 2, each request bit may be set to “1” at timing point IR1 or IR2
separately.
Fig. 26 Interrupt sequence
φ
SYNC
RD
WR
Address bus
Data bus
PC
Not used
S,SPS
S-1,SPS S-2,SPS
BL
BH
AL,AH
PCH
PCL
PS
AL
AH
SYNC : CPU operation code fetch cycle
(This is an internal signal that cannot be observed from the external unit.)
BL, BH : Vector address of each interrupt
AL, AH : Jump destination address of each interrupt
SPS
: “0016” or “0116”
([SPS] is a page selected by the stack page selection bit of CPU mode register.)
Push onto stack
Vector fetch
Execute interrupt
routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com