Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545RLSS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M37545RLSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37545RLSS Datasheet(HTML) 4 Page - Renesas Technology Corp

  M37545RLSS Datasheet HTML 1Page - Renesas Technology Corp M37545RLSS Datasheet HTML 2Page - Renesas Technology Corp M37545RLSS Datasheet HTML 3Page - Renesas Technology Corp M37545RLSS Datasheet HTML 4Page - Renesas Technology Corp M37545RLSS Datasheet HTML 5Page - Renesas Technology Corp M37545RLSS Datasheet HTML 6Page - Renesas Technology Corp M37545RLSS Datasheet HTML 7Page - Renesas Technology Corp M37545RLSS Datasheet HTML 8Page - Renesas Technology Corp M37545RLSS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 4 of 59
REJ03B0140-0106
7545 Group
Table 2
Performance overview (2)
Parameter
Function
Power dissipation
At CPU active
Typ. 0.6 mA (f(XIN)=4 MHz, Vcc=3.0 V, output transistors “off” )
At WIT instruction executed
Typ. 0.3 mA (f(XIN)=4 MHz, Vcc=3.0 V, output transistors “off” , in WIT state,
function except timer 1 disabled)
At STP instruction executed
Typ. 0.1
µA (Ta = 25 °C, VCC ≥ VDDR ≥ VCC−0.6 V, output transistors “off”, in
STP state, all oscillation stopped)
During reset by voltage drop
detection circuit
Typ. 0.1
µA (Ta = 25 °C, VDDR = 1.1 V, 1.8 V ≥ VCC ≥ 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com