Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545RLSS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M37545RLSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37545RLSS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M37545RLSS Datasheet HTML 13Page - Renesas Technology Corp M37545RLSS Datasheet HTML 14Page - Renesas Technology Corp M37545RLSS Datasheet HTML 15Page - Renesas Technology Corp M37545RLSS Datasheet HTML 16Page - Renesas Technology Corp M37545RLSS Datasheet HTML 17Page - Renesas Technology Corp M37545RLSS Datasheet HTML 18Page - Renesas Technology Corp M37545RLSS Datasheet HTML 19Page - Renesas Technology Corp M37545RLSS Datasheet HTML 20Page - Renesas Technology Corp M37545RLSS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 17 of 59
REJ03B0140-0106
7545 Group
I/O PORTS
[Direction registers] PiD
The I/O ports have direction registers which determine the input/
output direction of each pin. Each bit in a direction register
corresponds to one pin, and each pin can be set to be input or
output.
When “1” is set to the bit corresponding to a pin, this pin
becomes an output port. When “0” is set to the bit, the pin
becomes an input port.
When data is read from a pin set to output, not the value of the
pin itself but the value of port latch is read. Pins set to input are
floating, and permit reading pin values.
If a pin set to input is written to, only the port latch is written to
and the pin remains floating.
[Pull-up control register] Pull
By setting the pull-up control register (address 001616), port P0
can exert pull-up control by program. However, pins set to
output are disconnected from this control and cannot exert pull-
up control.
[Port output mode selection register] PMOD
By setting the port output mode selection register (address
001716), CMOS output or Nch open-drain can be selected for
ports P1, P2, P3 by program.
Fig. 13 Structure of pull-up control register
Fig. 14 Structure of port output mode selection register
Port P04
Port P01
Port P00
0: Pull-up transistor off
1: Pull-up transistor on
b7
b0
Port P02
Port P03
Port P05
Port P06
Port P07
Pull-up control register
(PULL: address 001616, initial value: 0016)
Table 7
I/O port function table
Pin
Name
Input/Output
I/O format
Non-port function
Related SFRs
Diagram No.
P00
−P07
Port P0
I/O individual
bits
• CMOS compatible input
level
• CMOS 3-state output
Key input interrupt
Pull-up control register
Key-on wakeup pin selection register
Key-on wakeup edge selection regis-
ter
(1)
P10
−P11
Port P1
• CMOS compatible input
level
• CMOS 3-state output or
N-channel opendrain
RLSS-only pin
Port output mode selection register
(2)
P20/INT0
P21/INT1
Port P2
External interrupt input
Interrupt edge selection register
Port output mode selection register
(3)
P22
−P27
Port output mode selection register
(2)
P30
−P37
Port P3
Port output mode selection register
(2)
P40, P41
Port P4
• CMOS compatible input
level
• CMOS 3-state output
RLSS-only pin
(4)
P42/CARR
Carrier wave output for
remote-control transmitter
Carrier wave control register
(5)
Port P34−P37
Port P20−P23
Port P10−P11
0: CMOS output
1: Nch open-drain
b7
b0
Port P24−P27
Port P30−P33
Disable (returns “0” when read)
Port output mode selection register
(PMOD: address 001716, initial value: 0016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com