Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0118 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 29Page - STMicroelectronics STV0118 Datasheet HTML 30Page - STMicroelectronics STV0118 Datasheet HTML 31Page - STMicroelectronics STV0118 Datasheet HTML 32Page - STMicroelectronics STV0118 Datasheet HTML 33Page - STMicroelectronics STV0118 Datasheet HTML 34Page - STMicroelectronics STV0118 Datasheet HTML 35Page - STMicroelectronics STV0118 Datasheet HTML 36Page - STMicroelectronics STV0118 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_5 - Configuration5
MSB
LSB
Content
rgb_nyc
bkcvbs1
reserved
reserved
bk_ys
bk_c
bk_cvbs
dacinv
Default
00
110
0
0
0
rgb_nyc
Selection between RGB or S-VHS/CVBS outputs present on DACs
(refer to Functional Description, Section IV.12)
(*)
0
1
Y - C - CVBS - CVBS1 on DACs
R - G - B - CVBS1 on DACs
bkcvbs1
Blanking of DAC CVBS
(*)
0
1
DAC CVBS in normal operation
DAC input code forced to blanking level
bk_ys
Blanking of DAC G/Y’
(*)
0
1
DAC G/Y in normal operation
DAC input code forced to black level (if G) or blanking level (if Y)
bk_c
Blanking of DAC ‘R/C’
(*)
0
1
DAC R/C in normal operation
DAC input code forced to black level (if R) or neutral level [no color] (if C)
bk_cvbs
Blanking of DAC ‘B/CVBS’
(*)
0
1
DAC B/CVBS in normal operation
DAC input code forced to black level (if B) or blanking level (if CVBS)
dacinv
‘Inverts’ DAC codes to compensate for an inverting output stage in the application
(*)
0
1
DAC non inverted inputs
DAC inverted inputs
STV0118
33/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com