| Electronic Components Datasheet Search |
|
STV0118 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0118 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 42 page ![]() VI.2 - Register Contents and Description (continued) (*) = DEFAULT mode when NRESET pin is active (LOW level) VI - REGISTERS (continued) REGISTER_9 - Status (read only) MSB LSB Content hok atfr buf2_free buf1_free fieldct2 fieldct1 fieldct0 jumping hok Hamming decoding of frame sync flag embedded within ITU-R656/D1 compliant YCrCb streams. (*) 0 1 Consecutive errors A single or no error Note : signal quality detector is issued from Hamming decoding of EAV,SAVfrom YCrCb atfr Frame synchronization flag (slave mode only) (*) 0 1 Encoder not synchronized Encoder synchronized (*) buf2_free Closed caption registers access condition for field 2 (refer to Functional Description, Section IV.13) Closed caption data for field 2 is buffered before being output on the relevant TV line; buf2_free is reset if the buffer is temporarily unavailable. If the microcontroller can guaranteethat registers 41 and 42 (cccf2) are never written more than once between two frame reference signals, then bit ‘buf2_free’ will always be true (set). Otherwise, closed caption field2 registers access might be temporarily forbidden by resetting bit ‘buf2_free’ until the next field2 closed caption line occurs. Note that this bit is false (reset) when 2 pairs of data bytes are awaiting to be encoded, and is set back immediately after one of these pairs has been encoded (so at that time,encoding of the last pair of bytes is still pending) Reset value = 1 (access authorized) (*) buf1_free Closed caption registers access condition for field 1 Same as buf2_free but concerns field 1. Reset value = 1 (access authorized) fieldct[2:0] Digital field identification number 000 ... 111 Indicates field 1 Indicates field 8 fieldct[0] also represents the odd/even information (odd=’0’, even=’1’) (*) jumping Indicates whether a frame length modification has been programmed at ‘1’ from programming of bit ‘jump’ to end of frame(s) concerned. Default = 0 Refer to register 6 and registers 21-22-23. STV0118 35/42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |