Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0119A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 8Page - STMicroelectronics STV0119A Datasheet HTML 9Page - STMicroelectronics STV0119A Datasheet HTML 10Page - STMicroelectronics STV0119A Datasheet HTML 11Page - STMicroelectronics STV0119A Datasheet HTML 12Page - STMicroelectronics STV0119A Datasheet HTML 13Page - STMicroelectronics STV0119A Datasheet HTML 14Page - STMicroelectronics STV0119A Datasheet HTML 15Page - STMicroelectronics STV0119A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
HSYNC
(in)
ODDEVEN
(in)
CKREF
YCRCB
Cb
Y
Cr
Y’
Cb
Active Edge (programmable polarity)
Active Edge (programmable polarity)
Note :
1. This figure is valid for bits “syncin_ad[1:0]” = default.
Figure 11 : HSYNC + ODDEVEN Based Slave Mode Sync Signals
IV - FUNCTIONAL DESCRIPTION (continued)
IV.5 - Slave Modes
Six slave modesareavailable : ODDEVEN+HSYNC
based (line-based sync), VSYNC+HSYNC based
(another type of line-based sync), ODDEVEN-only
based(frame-based sync), VSYNC-onlybased(an-
other type of frame-based sync), or sync-in-data
based (line locked or frame locked).
ODDEVEN refers to an odd/even (also known as
not-top/bottom) field flag, HSYNC is a line sync
signal, VSYNCis a vertical sync signal. Their wave-
forms are depicted in Figure 9. The polarities of
HSYNC and VSYN C/ ODDEVEN a re i nde-
pendently programmable in all slave modes.
IV.5.1- Synchronization onto a Line Sync Signal
IV.5.1.1 - HSYNC+ODDEVEN Based
Synchronization
Synchronization is performed on a line-by-line ba-
sis by locking onto incoming ODDEVEN and
HSYNC signals. Refer to Figure 11 for waveforms
and timings. The polarities of the active edges of
HSYNC and ODDEVEN are programmable and
independent.
The first active edge of ODDEVEN initializes the
internal line counter but encoding of the first line
does not start until an HSYNC active edge is de-
tected (at the earliest, HSYNC may transition at the
sametime as ODDEENV).At that point,the internal
sample counter is initialized and encoding of the
first line starts. Then, encoding of each subsequent
line is individually triggered by HSYNC active
edges. The phase relationship between HSYNC
and the incoming YCrCB data is normally such that
the first clock rising edge following the HSYNC
active edge samples ”Cb” (i.e. a ‘blue’ chroma
sample within the YCrCb stream). It is however
possible to internally delay the incoming sync sig-
nals (HSYNC+ODDEVEN) by up to 3 clock cycles
to cope with different data/sync phasings, using
configuration bits ”Syncin_ad” (Reg. 4).
The STV0119A is thus fully slaved to the HSYNC
signal, which means that lines may contain more
or less samples than typical 525/625 system re-
quirement.
If the digital line is shorter than its nominal value:
the sample counter is re-initialized when the ‘early’
HSYNC arrives and all internal synchronization
signals are re-initialized.
If the digital line is longer than its nominal value :
the sample counter is stopped when it reaches its
nominal end-of-line value and waits for the ‘late’
HSYNC before reinitializing.
The field counteris incrementedon eachODDEVEN
transition. The line counter is reset on the HSYNC
following each active edge of ODDEVEN.
IV.5.1.2- HSYNC+VSYNC Based Synchronization
Synchronization is performed on a line-by-line ba-
sis by locking onto incoming VSYNC and HSYNC
signals. Refer to Figure 12 for waveforms and
timings. The polarities of HSYNC and VSYNC are
programmable and independent.
The incoming VSYNC signal is immediately trans-
formed into a waveform identical to the odd/even
waveform of an ODDEVEN signal, therefore the
behavior of the core is identical to that described
above for ODDEVEN+HSYNC based synchroniza-
tion. Again, the phase relationship between
HSYNC and the incoming YCrCb data is normally
such that the first clock rising edge following the
HSYNC active edge samples ”Cb” (i.e. a ‘blue’
chroma sample within the YCrCb stream). It is
however possible to internally delay the incoming
sync signals (HSYNC+VSYNC) by up to 3 clock
cycles to cope with different data/sync phasings,
using configuration bits ”Syncin_ad” (Reg. 4).
The field counter is incremented on each active
edge of VSYNC.
STV0119A
12/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com