Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0119A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 20Page - STMicroelectronics STV0119A Datasheet HTML 21Page - STMicroelectronics STV0119A Datasheet HTML 22Page - STMicroelectronics STV0119A Datasheet HTML 23Page - STMicroelectronics STV0119A Datasheet HTML 24Page - STMicroelectronics STV0119A Datasheet HTML 25Page - STMicroelectronics STV0119A Datasheet HTML 26Page - STMicroelectronics STV0119A Datasheet HTML 27Page - STMicroelectronics STV0119A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
IV - FUNCTIONAL DESCRIPTION (continued)
IV.18 - Line Skip / Line Insert Capability
This patented feature of the STV0119A offers the
possibility to cut the cost of the application by
suppressing the need for a VCXO.
Ideally, the master clock used on the application
board and fed to the MPEG decoding IC would
have exactly same frequency as the clock that was
used when the MPEG data was encoded. Obvi-
ously this is not realistic; up to now a solution
commonlychosen is to dynamicallyadjust the clock
on the board as closeto the ‘ideal’ clock as possible
with the help of time stamps embedded within the
MPEG stream. Such a kind of tracking often in-
volves the use of a VCXO : when the MPEG data
bufferfills up to more than some thresholdthe clock
frequency is increased, when it empties down to
some other threshold the clock frequency is low-
ered.
The STV0119A offers an alternative, cost-saving
solution: by programming the two bits jump and
dec_ninc in configuration Reg6, the STV0119A is
able to reduce or increase the length of some
frames in a way that will not introduce visible arte-
facts (even if comb-filtering is used). These bits
should be set according to the level of the MPEG
data buffer. Refer to Section VI.2 Register 6,
Register 9 and Registers 21-22-23 for complete
bit description.
Operation with the STV0119Aas sync master is as
follows :
- If the MPEG data buffers fills up too much: set bit
”jump” to ‘1’ and bit ”dec_ninc” to ‘1’.The
STV0119A will reduce the length of the current
frame (Bit ”jump” will then automatically be reset
to ‘0’).
- If the MPEG data buffers empties too much: set
bit ”jump” to ‘1’ and bit ”dec_ninc” to ‘0’.The
STV0119A will increase the length of the current
frame (Bit ”jump” will then automatically be reset
to ‘0’).
These operations can be repeated until the MPEG
data buffer is inside its fixed limits.
It is also possible to use the line skip/repeat capa-
bility in non-interlaced mode.
This functionalityof the STV0119Ais also available
in slave mode, in this case the sync signals sup-
plied to the STV0119Amust be in accordance with
the modified frame lengthes programmed.
IV.19 - Macrovision
™ Copy Protection
Process rev7.01/6.1
The chrominance, luminance and compositevideo
signals and R,G,B video signals can be altered
according to the MACROVISION
™ Copy Protec-
tion Process, Revision 7.01 and Revision 6.1.
This process is controlled via the I
2C bus.
A programming document is available to those cus-
tomers who have executed a license or a non-dis-
closure agreement with Macrovision Corporation.
For all relevant information or document, please
contact :
MACROVISION Corporation :
1341 ORLEANS DRIVE
SUNNIVALE, CALIFORNIA 94089
USA
Fax : 1.408.743.8610
IV.20 - CVBS, S-VHS and RGB Analog Outputs
Four out of six video signals (composite CVBS,
S-VHS (Y/C) and RGB) can be directed to 4 analog
output pins through 9-bit D/A converters operating
at the reference clock frequency.
The available combinations (see bit ‘rgb_nyc’ in
Reg5) are :
S-VHS (Y/C) + CVBS + CVBS1
or : R, G, B + CVBS1.
A single external analog power supply pair is used
for all DACs, but two independent pairs of current
and voltage references are needed. Each current
reference pin is normally connected externally to a
resistor tied to the analogue ground, whilst each
voltage reference pin is normally connected to a
capacitance tied to the analogue ground.
The internal current sources are independentfrom
the positive supply, thanks to a bangap, and the
consumption of the DACs is constant whatever the
codes converted.
Any unused DAC may be independentlydisabled
by software, in which case its output is at ‘neutral’
level (blanking for luma and composite outputs, no
color for chroma output, black for RGB outputs).
For applications where a single CVBS output is
required, the RGB/CVBS+S-VHS Triple DAC
should be disabled and Pins IREF(RGB), VR_RGB
tied to analog power supply.
STV0119A
24/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com