Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0119A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 31Page - STMicroelectronics STV0119A Datasheet HTML 32Page - STMicroelectronics STV0119A Datasheet HTML 33Page - STMicroelectronics STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics STV0119A Datasheet HTML 36Page - STMicroelectronics STV0119A Datasheet HTML 37Page - STMicroelectronics STV0119A Datasheet HTML 38Page - STMicroelectronics STV0119A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_9 - Status (read only)
MSB
LSB
Content
hok
atfr
buf2_free
buf1_free
fieldct2
fieldct1
fieldct0
jumping
hok
Hamming decoding of frame sync flag embedded within ITU-R656/D1 compliant YCrCb
streams.
(*)
0
1
Consecutive errors
A single or no error
Note :
signal quality detector is issued from Hamming decoding of EAV,SAVfrom YCrCb
atfr
Frame synchronization flag (slave mode only)
(*)
0
1
Encoder not synchronized
Encoder synchronized
(*)
buf2_free
Closed caption registers access condition for field 2
(refer to Functional Description, Section IV.13)
Closed caption data for field 2 is buffered before being output on the relevant TV line;
buf2_free is reset if the buffer is temporarily unavailable. If the microcontroller can
guaranteethat registers 41 and 42 (cccf2) are never written more than once between two
frame reference signals, then bit ‘buf2_free’ will always be true (set). Otherwise, closed
caption field2 registers access might be temporarily forbidden by resetting bit ‘buf2_free’
until the next field2 closed caption line occurs.
Note that this bit is false (reset) when 2 pairs of data bytes are awaiting to be encoded,
and is set back immediately after one of these pairs has been encoded (so at that
time,encoding of the last pair of bytes is still pending)
Reset value = 1 (access authorized)
(*)
buf1_free
Closed caption registers access condition for field 1
Same as buf2_free but concerns field 1.
Reset value = 1 (access authorized)
fieldct[2:0] Digital field identification number
000
...
111
Indicates field 1
Indicates field 8
fieldct[0] also represents the odd/even information (odd=’0’, even=’1’)
(*)
jumping
Indicates whether a frame length modification has been programmed at ‘1’ from
programming of bit ‘jump’ to end of frame(s) concerned.
Default = 0
Refer to register 6 and registers 21-22-23.
STV0119A
35/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com