Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2000 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 12Page - STMicroelectronics STV2000 Datasheet HTML 13Page - STMicroelectronics STV2000 Datasheet HTML 14Page - STMicroelectronics STV2000 Datasheet HTML 15Page - STMicroelectronics STV2000 Datasheet HTML 16Page - STMicroelectronics STV2000 Datasheet HTML 17Page - STMicroelectronics STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16/38
Contrast Register (Video IN = 0.5VPP, Drive at maximum, I
2C Gainwin=1)
Brightness Register (Drive at maximum)
Drive1, Drive2, Drive3 Registers (Video IN = 0.5VPP, Contrast at maximum, I
2C Gainwin=1)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
Vpp
G(dB)
POR
000
000
000
-
000
000
01
0.015
-30
000
000
10
0.031
-24
000
001
00
0.062
-18
000
010
00
0.125
-12
0
0
0
1
0
0
0
0
0.25
-6
001
000
00
0.5
0
010
000
002
12
010
110
10
2.812
15
X
011
111
114
18
Hex
b5
b4b3
b2b1b0
Vpp
POR
0
00000
0
0
00001
0.010
0
00010
0.020
0
00100
0.040
0
01000
0.08
0
10000
0.16
1
00000
0.32
0
00000
0.64
0
00000
1.28
1
01101
1.8
X
1
11111
2.56
Hex
b7
b6
b5
b4
b3
b2
b1
b0
Vpp
G(dB)
POR
00
000
000
000
-
01
0
0
0
0
0
0
0
1
0.015
-30
02
0
0
0
0
0
0
1
0
0.031
-24
04
0
0
0
0
0
1
0
0
0.062
-18
08
0
0
0
0
1
0
0
0
0.125
-12
10
0
0
0
1
0
0
0
0
0.25
-6
20
001
000
00
0.5
0
40
010
000
001
6
80
100
000
002
12
B4
101
101
00
2.812
15
X
FF
111
111
114
18
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com