Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37270MF Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37270MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270MF Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37270MF Datasheet HTML 45Page - Renesas Technology Corp M37270MF Datasheet HTML 46Page - Renesas Technology Corp M37270MF Datasheet HTML 47Page - Renesas Technology Corp M37270MF Datasheet HTML 48Page - Renesas Technology Corp M37270MF Datasheet HTML 49Page - Renesas Technology Corp M37270MF Datasheet HTML 50Page - Renesas Technology Corp M37270MF Datasheet HTML 51Page - Renesas Technology Corp M37270MF Datasheet HTML 52Page - Renesas Technology Corp M37270MF Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
48
OSD mode
Same as layer 1
Same as layer 1 (Note)
Pre-divide ratio = 1
Pre-divide ratio = 2
1TC ! 1/2H
1TC ! 1/2H, 1.5TC ! 1/2H
1TC ! 1H
1TC ! 1H, 1.5TC ! 1H
Same position as layer 1
(1) Dual Layer OSD
M37270MF-XXXSP has 2 layers; layer 1 and layer 2. These layers
display the OSD for controlling TV and the closed caption display at
the same time and overlayed on each other.
Each block can be assigned to either layer by bits 6 and 5 of the
block control register (refer to Figure 50). For example, only when
both bits 5 and 6 are “1,” the block is assigned to layer 2. Other bit
combinations assign the block to layer 1.
When a block of layer 1 is overlapped with that of layer 2, a screen is
combined (refer to Figure 52) by bits 7 and 6 of the OSD control
register (refer to Figure 49).
Note: When using the dual layer OSD, note Table 12.
Fig. 51. Image of dual layer OSD
CC mode
Data slicer clock or OSC1
! 1 or ! 2 (all blocks)
1TC ! 1/2H
Arbitrary
Display mode
OSD Clock source
Pre-divide ratio
Dot size
Horizontal display start position
Table 12. Conditions of dual layer
Note: For the pre-divide ratio of the layer 2, select the same as the layer 1’s ratio by bit 6 of the clock control register.
Block in layer 1
Block in layer 2
Fig. 52. Display example of dual layer OSD
Layer 2
Layer 1
Block 1
Block 2
Block 11
Block 12
Block 13
Block 14
Block 15
Block 16
Block
Block
Display example of layer 1 = “HELLO,” layer 2 = “CH5”
CH5
Logical sum (OR) of
layer 1’s color and
layer 2’s color
Bit 7 = “0,” bit 6 = “0”
Layer 1’s color has priority
Bit 7 = “0”, bit 6 = “1”
CH5
HELLO
Layer 2’s color has priority
Bit 7 = “1,” bit 6 = “0”
HELLO
CH5
Block
Parameter
HELLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com