Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37270MF Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M37270MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270MF Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M37270MF Datasheet HTML 58Page - Renesas Technology Corp M37270MF Datasheet HTML 59Page - Renesas Technology Corp M37270MF Datasheet HTML 60Page - Renesas Technology Corp M37270MF Datasheet HTML 61Page - Renesas Technology Corp M37270MF Datasheet HTML 62Page - Renesas Technology Corp M37270MF Datasheet HTML 63Page - Renesas Technology Corp M37270MF Datasheet HTML 64Page - Renesas Technology Corp M37270MF Datasheet HTML 65Page - Renesas Technology Corp M37270MF Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
61
I2
0
0
0
0
1
0
0
0
I2
0
0
0
0
1
0
0
0
B
0
0
0
0
0
1
1
1
I1
0
0
0
1
0
1
0
0
G
0
0
1
1
1
1
1
1
R
0
1
0
1
1
1
0
1
Table 16. Correspondence table of color code 1 and color
signal output in EXOSD mode
Table 17. Correspondence table of color code 2 and color
signal output in EXOSD mode
(7) Character color
The color for each character is displayed by the color code 1. The
kinds and specification method of character color are different de-
pending on each mode.
• CC mode.................. 7 kinds
Specified by bits 1 (R), 2 (G), and 3 (B) of
the color code 1
• OSD mode ............... 15 kinds
Specified by bits 1 (R), 2 (G), 3 (B), and 5
(I1) of the color code 1
• EXOSD mode .......... 7 kinds
Specified by bits 1 (CC0), 2 (CC1), and
3 (CC2) of the color code 1
The correspondence Table of the color code 1 and color signal out-
put in the EXOSD mode is shown in Table 16.
(8) Character background color
The character background color can be displayed in the character
display area. The character background color for each character is
specified by the color code 2. The kinds and specification method of
character background color are different depending on each mode.
• CC mode.................. 7 kinds
Specified by bits 0 (R), 1 (G), and 2 (B) of
the color code 2
• OSD mode ............... 15 kinds
Specified by bits 0 (R), 1 (G), 2 (B), and 3
(I1) of the color code 2
• EXOSD mode .......... 7 kinds
Specified by bits 0 (BCC0), 1 (BCC1), and
2 (BCC2) of the color code 2
The correspondence table of the color code 2 and color signal output
in the EXOSD mode is shown in Table 17.
Note : The character background color is displayed in the following
part :
(character display area)–(character font)–(border)–(extra font).
Accordingly, the character background color does not mix with
these color signal.
Bit 3
CC2
0
0
0
0
1
1
1
1
Bit 2
CC1
0
0
1
1
0
0
1
1
Bit 1
CC0
0
1
0
1
0
1
0
1
R
0
1
0
1
1
1
0
1
G
0
0
1
1
1
1
1
1
B
0
0
0
0
0
1
1
1
I1
0
0
0
1
0
1
0
0
Color code 1
Bit 2
BCC2
0
0
0
0
1
1
1
1
Bit 1
BCC1
0
0
1
1
0
0
1
1
Bit 0
BCC0
0
1
0
1
0
1
0
1
Color code 2
Color signal output
Color signal output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com