Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37270MF Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M37270MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270MF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M37270MF Datasheet HTML 15Page - Renesas Technology Corp M37270MF Datasheet HTML 16Page - Renesas Technology Corp M37270MF Datasheet HTML 17Page - Renesas Technology Corp M37270MF Datasheet HTML 18Page - Renesas Technology Corp M37270MF Datasheet HTML 19Page - Renesas Technology Corp M37270MF Datasheet HTML 20Page - Renesas Technology Corp M37270MF Datasheet HTML 21Page - Renesas Technology Corp M37270MF Datasheet HTML 22Page - Renesas Technology Corp M37270MF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
18
Fig. 11. Structure of serial I/O mode register
Internal clock—the serial I/O counter is set to “7” during write cycle
into the serial I/O register (address 021416), and transfer clock goes
“H” forcibly. At each falling edge of the transfer clock after the write
cycle, serial data is output from the SOUT pin. Transfer direction can
be selected by bit 5 of the serial I/O mode register. At each rising
edge of the transfer clock, data is input from the SIN pin and data in
the serial I/O register is shifted 1 bit.
After the transfer clock has counted 8 times, the serial I/O counter
becomes “0” and the transfer clock stops at “H.” At this time the inter-
rupt request bit is set to “1.”
External clock—when an external clock is selected as the clock
source, the interrupt request is set to “1” after the transfer clock has
counted 8 times. However, transfer operation does not stop, so con-
trol the clock externally. Use the external clock of 500kHz or less
with a duty cycle of 50%.
The serial I/O timing is shown in Figure 10. When using an external
clock for transfer, the external clock must be held at “H” for initializing
the serial I/O counter. When switching between an internal clock and
an external clock, do not switch during transfer. Also, be sure to ini-
tialize the serial I/O counter after switching.
Notes 1: On programming, note that the serial I/O counter is set by
writing to the serial I/O register with the bit managing in-
structions as SEB and CLB instructions.
2: When an external clock is used as the synchronizing clock,
write transmit data to the serial I/O register at “H” of the
transfer clock input level.
Fig. 10. Serial I/O timing (for LSB first)
Synchroninzing clock
Transfer clock
Serial I/O register
write signal
Serial I/O output
SOUT
D0
D1
D2
D3
D4
D5
D6
D7
(Note)
Serial I/O input
SIN
Note : When an internal clock is selected, the SOUT pin is at high-impedance after transfer is completed.
Interrupt request bit is set to “1”
7
Serial I/O mode register
(SM : address 021316)
Internal synchronizing clock
selection bits
b1 b0
0
0 : f(XIN)/8 or f(XCIN)/8
0
1 : f(XIN)/16 or f(XCIN)/16
1
0 : f(XIN)/32 or f(XCIN)/32
1
1 : f(XIN)/64 or f(XCIN)/64
0
0
Synchronizing clock selection bit
0 : External clock
1 : Internal clock
Port function selection bit
0 : P11, P13 functions as port
1 : SCL1, SDA1
Port function selection bit
0 : P12, P14 functions as port
1 : SCL2, SDA2
Transfer direction selection bit
0 : LSB first
1 : MSB first
Fix these bits to “0”
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com