Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61201SP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp M61201SP Datasheet HTML 12Page - Renesas Technology Corp M61201SP Datasheet HTML 13Page - Renesas Technology Corp M61201SP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
BUS FUNCTION
10
WRITE
FUNCTION
BIT SUB ADD
DATA
DISCRIPTION
INITIAL
NOTE
VIF
RF Delay Adj
7
00H
D0-D6 RF AGC Delay Point Adjustment by 7bit DAC
1000000
VIF VCO Adj
6
01H
D0-D5 VIF VCO Free-running Frequency Adjustment by 6bit DAC
100000
VIF Freq
3
10H
D0-D2 VIF Frequency Selecter. see table1.
000
VIF Video Out Gain
3
06H
D5-D7 VIF Video det output Amplitude Adjustment by 3bit DAC
100
AFT Defeat
1
04H
D6
AFT OUT ON/OFF(Defeat) switch 0: AFT ON (Non Defeat), 1: Defeat
0
VIF Defeat
1
07H
D7
VIF AGC Gain 0: AGC Function 1 : Defeat(Minimum Gain) This bit is for VCO Adjustment.
0
SIF
Audio ATT
7
03H
D0-D6 Audio Out Level Attenation by 7bit DAC MAX gain=0dB
0
Audio EXT
1
02H
D6
AF Direct out/External Audio input signal switch 0:AF amp out , 1:External
0
Audio Mute
1
03H
D7
AF Direct out ON/OFF(Mute) switch 0: Sound ON (Non Mute), 1 : Mute
0
SIF Freq. 4.5
2
14H
D0
SIF Frequency Selecter. 0: 5.5 - 6.5MHz 1: 4.5MHz
0
VIDEO
Video Tone
6
04H
D0-D5 Delay line type Aperture Control by 6bit DAC
100000
V Latch
Contrast Control
7
05H
D0-D6 Contrast Control by 7bit DAC
1000000
V Latch
EXTRGB Contrast Clip
1
05H
D7
Contrast Control Clip Switch when OSD mode
0:Clip ON, 1 :Clip OFF
0
V Latch
Y DL Time Adj
2
06H
D0-D1 Luminunce Signal Delay time Adjustment
0
Y DL Fine Adj
1
06H
D2
Luminunce Signal Delay time Fine pitch Adjustment
0
EXT
1
06H
D3
AV Switch Selecter 0:TV mode , 1:EXT mode
0
V Latch
Y/C
1
06H
D4
AV Switch Selecter 0:Composit video input , 1:Y/C input mode
0
V Latch
Y SW LPF
1
1CH
D6
Y SW OUT frequency switch
0 :FLAT , 1 : LPF(fc=700KHz)
0
Video Tone Sharp
1
02H
D3
Video Tone Gain (Sharp/Soft) switch 0 :Soft 1:Sharp
0
Video Mute
1
02H
D7
Luminunce signal Mute ON/OFF switch
0: OUT,
1:Mute
0
CTRAP Off
1
02H
D4
Chroma Trap ON/OFF switch
0:Chroma Trap ON,
1: Chroma Trap Off
0
TRAP Fine Adj
2
12H
D0-D1 Chroma Trap fo Adjustment
00
Black Stretch Off
1
02H
D1
Black Stretch function ON/OFF switch 0: ON 1: OFF
0
Black Stretch Charge
2
14H
D4-D5 Charge Time Constant Adjustment for Black Stretch.
00
Black Stretch Discharge
2
14H
D6-D7 Discharge Time Constant Adjustment for Black Stretch.
0
Gamma Control
2
12H
D2-D3 Luminaunce Gamma Threshold Control 0:Gamma OFF
00
CHROMA
Tint Control
7
07H
D0-D6 Tint Control by 7bit DAC.
1000000
V Latch
Color Control
7
08H
D0-D6 Color Saturation Control by 7bit DAC.
1000000
V Latch
Take Off
1
02H
D0
Chroma BPF/Take Off Switch.
0 :BPF , 1 : Take Off
0
C Angle95
1
15H
D1
Chroma Demodulation Angle Switch.
0 : 108deg, 1 : 95deg
0
Killer Level
1
15H
D0
Color Killer Sensitivity Threshold Switch for PAL/NTSC system. 0 : 43dB 1: 45dB
0
Force Color
1
15H
D2
Forced Color mode switch for PAL/NTSC system. 0 :OFF 1: Forced Color (Killer function not availble)
0
Force Mono
1
15H
D3
Forced B/W mode
0 :OFF , 1: Forced Black&White
0
Color System
4
09H
D0-D3 Color System Selecter. See table3.
1000
RGB INTERFACE
Brightness Control
8
0AH
D0-D7 Brightness Control by 8bit DAC
10000000
V Latch
Drive(R)
7
0BH
D0-D6 R OUT Amplitude Adjustment by 7bit DAC
1000000
Drive(B)
7
0CH
D0-D6 B OUT amplitude Adjustment by 7bit DAC
1000000
Cut Off(R)
8
0DH
D0-D7 R OUT Pedestal Level Adjustment by 8bit DAC
10000000
Cut Off(G)
8
0EH
D0-D7 G OUT Pedestal Level Adjustment by 8bit DAC
10000000
Cut Off(B)
8
0FH
D0-D7 B OUT Pedestal Level Adjustment by 8bit DAC
10000000
R MTX UP
1
00H
D7
R Matrix Gain UP (PAL mode only) 0: OFF 1: GAIN UP
0
Blue Back
1
08H
D7
Blue Back mode ON/OFF switch
0:OFF , 1:Blue Back
0
White Back
1
10H
D7
White Raster mode ON/OFF switch 0 :OFF, 1 : White Back
0
ABCL
1
02H
D2
ABCL ON/OFF switch 0:OFF(ACL) 1:ABCL ON
0
ABCL Gain
1
04H
D7
ABCL Gain Low/High switch 0 : Low , 1 : Hi
0
fsc out1
2
0BH
D7
fsc output selecter. Fsc signal outputs from ACL/ABCL pin when these bits are active.
0
fsc out2
0CH
D7
see table 5
0
HTONE-SW
1
09H
D5
H-TONE MODE 1:OFF 0:HALF TONE function enable( 1.0V < FAST BLK < 3.5V)
0
DEFLECTION
AFC2 H Phase
5
16H
D0-D4 Horizontal Phase Adjustment by 5bit DAC
10000
Service SW
1
13H
D3
0:Vertical output ON/ Contrast Control Normal
1 : Vertical output OFF/Contrast Control Minmum
0
H Stop
1
13H
D4
Horizontal output switch 0:H OUT , 1:H STOP
0
AFC1 Gain UP
1
13H
D5
Horizontal AFC1 Gain switch 0:Low , 1:High
0
AFC2 GAIN DOWN
1
17H
D6
Horizontal AFC2 Gain switch 0:Normal , 1:DOWN
0
H VCO Adj
3
10H
D3-D5 H VCO free-running frequency Adjustment
100
V Shift
3
13H
D0-D2 V RAMP Sart timing Adjustment 2Line/Step
0
V-Size
6
11H
D0-D5 V RAMP Amplitude Adjustment by 6bit DAC.
100000
V S-CORRECTION
6
1BH
D0-D5 Vertical S-correction control by 6bit DAC.
100000
V LINEARITY
6
1CH
D0-D5 Vertical lineality control by 6bit DAC.
100000
E/W PARABOLA
6
17H
D0-D5 Parabora amplitude control by 6bit DAC.
100000
E/W CORNER
6
18H
D0-D5 Corner pin correction control by 6bit DAC.
100000
E/W TRAPEZIUM
6
19H
D0-D5 Trapesium correction control by 6bit DAC.
100000
E/W H SIZE
6
1AH
D0-D5 Parabora DC voltage control by 6bit DAC.
100000
H-free
1
13H
D7
Horizontal Forced free-running mode switch 0 :OFF, 1: Forced Free-running
0
V-free
1
10H
D6
Vertical Forced free-running mode switch 0:OFF, 1:Forced Free-running
0
V60Hz
1
1CH
D7
Vertical free-running frequency 60Hz mode
0:50Hz 1:60Hz
0
S Slice Down1 / 2
2
14H
D2-D3 Sync Det Slice Level Down. (0:50% 1:30% 2:25% 3:15%)
00
1 Window
1
13H
D6
Vertical Sync. Det mode (1 Window/2 Window) 0: 2 Window/Vsyncdet=9us , 1: 1Window/Vsyncdet=11us
0
V PULSE
1
16H
D5
pin17 output swittch 0: E/W output (Low Impedance output) 1: V Pulse output (Open Collector, Vpulse=L)
0
V-AGC GAIN
1
17H
D7
V Ramp AGC Speed 0: SLOW
1:FAST( Increase AGC speed by five.)
1
STPON
1
1EH
D3
0:Test pattern mode OFF 1:Test pattern mode ON
0
STPREV
1
1EH
D2
Test pattern Neg/Pos select
0
STPSEL
2
1EH
D0-D1 H/V Half Stripe, Cross Hatch available
0
OTHER
Monitoring
5
12H
D4-D7 Intelligent Monitor output selecter
0000
Read Page
1
11H
D6
Read Page mode selecter
00: 00H , 01: 01H
0
Condition / KILLERB
1
00H
D7
Condition bit for auto mode, Killer off for manual mode.
NTSC
1
00H
D5
Color System ID output. System is NTSC.
3.58M
1
00H
D4
Color System ID output. Fsc frequency is 3.58MHz
AFT0
1
00H
D3
AFT output
AFT1
1
00H
D2
AFT output
HCOINB
1
00H
D1
Horizontal mute det output. 0: H coincident
60
1
00H
D0
Vertical frequency ID output. 0:50Hz 1:60Hz
VCOINB
1
01H
D3
Vertical Sync det output. 0:V coincident
STDETB
1
01H
D2
Station det for TV mode. 0: Station det.
M
1
01H
D1
Color System ID output for South America mode. System is M.
N
1
01H
D0
Color System ID output for South America mode. System is N.
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com