Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61201SP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp M61201SP Datasheet HTML 12Page - Renesas Technology Corp M61201SP Datasheet HTML 13Page - Renesas Technology Corp M61201SP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
11
VIF Frequency
3bit (10HD0-D2)
table1
VIF Frequency
Country
000
38.0MHz
China
001
38.9MHz
Asia,EU
010
39.5MHz
UK
011
45.75MHz
US,KOR
100
58.75MHz
JPN
101
-
-
110
-
-
111
-
-
Color System
4bit (09H: D0-D3)
table 3
D1,D0
00
01
10
11
D3,D2
00
PAL
-
4.43 NTSC
PAL-M
01
3.58 PAL
-
NTSC
PAL-N
10
AUTO1
AUTO1
AUTO1
AUTO1
11
AUTO2
AUTO2
AUTO2
AUTO2
AUTO1 : PAL / NTSC / 4.43 NTSC
AUTO2 (SOUTH AMERICA MODE) : PAL-M / PAL-N / NTSC
PAL-M : fh=15.73426KHz, fsc=(909/4)*fh=3.575611MHz
PAL-N : fh=15.625KHz , fsc=(917/4)*fh=3.582056MHz
60Hz/V-Free 2bit(60Hz:1CHD7, V Free: 10HD6)
table 4
60Hz
V-Free
1CHD7
10HD6
Vertical System
0
0 AUTO(50Hz at Free-run)
0
1 Forced freerun mode 50Hz
1
0 AUTO(60Hz at Free-run)
1
1 Forced freerun mode 60Hz
V Free= Forced Freerun mode
60Hz=Forced 60Hz mode
fsc output
2bit ( 0BHD7,0CHD7)
table 5
fscout2
fscout1
(0CHD7)
(0BHD7)
fscout(ACL/ABCL)
0
0 -
0
1 DDS OUT
1
0 4.43MHz OUT
1
1 fsc SW OUT
READ BYTE: AFT OUTPUT
AFT0
1
0
0
1
1
1
0
0
f
fo
-100KHz
+100KHz
AFT1
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com