Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61201SP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp M61201SP Datasheet HTML 12Page - Renesas Technology Corp M61201SP Datasheet HTML 13Page - Renesas Technology Corp M61201SP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
PRELIMINARY
4.7
0.33µ
100µ
C101
C100
D100
(1/2W)
100µ
0.1µ
C103
C104
220
R105
R106
+
R1
270K
R2
270K
0.01µ
C1
C2
+
1µ
C3
0.22µ
2.2K
R8
0.01µ
47µ
680
3.9k
1.8k
10
68
0.01µ
R4
R3
R6
R7
R5
C8
C5
C4
TR1
L2
0.56µ
R10
1K
+
C12
1µ
R12
10K R13
1K
R14
1K
J1
R15
100
R18
3.3K
R19
3.3K
R20
3.3K
+
C17
1µ
+
C18
0.01µ
C19
47µ
6.8K
LED1
6.8K
LED2
2.7K
LED3
+
C21
C20
47µ
0.01µ
+
C23
C22
47µ
0.01µ
C24
0.01µ
C25
0.1µ
C27
0.1µ
R25
75
R24
R23
R22
C28
1µ
6.2K
C29
0.015µ
R26
C30
0.1µ
C32
120p
X1
4.43M
J3
L3
C45
C34
0.22µ
10K
R37
C41
0.22µ
C35
1µ
C36
2200p
C38
0.01µ
C40
0.47µ
330
R30
R31
TR2
560
R32
4.7K
1K
R33
330
R36
J4
J5a
J5b
SDA
SCL
VCC
GND
R39
22K
+
C13
1µ
R16
6.8K
0.01u
C14
R11
100
+
1µ
0.01µ
C46
C47
SOUND BPF
STANDARD TUNER
APPLICATION CIRCUIT
(EVALUATION BOARD)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com