Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61880FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 3Page - Renesas Technology Corp M61880FP Datasheet HTML 4Page - Renesas Technology Corp M61880FP Datasheet HTML 5Page - Renesas Technology Corp M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 7 of 20
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Power supply voltage
VCC
-0.3 to +5.5
V
Input voltage
CH, Vr
VI
-0.3 to Vcc
V
DATA, ENB, S/H
-0.3 to Vcc
Output voltage
RO
Vo
-0.3 to Vcc
V
Switching current
Isw
120
mA
Bias current
IB
50
mA
Power consumption
Pd
980
mW
When mounted on board. When Ta = 25°C
(Note)
Storage temperature
Tstg
-60 to +150
°C
Note: When Ta
≥ 25°C, 9.8 mW/°C derating should be applied.
Recommended Operating Conditions
(Unless otherwise noted, Ta = -20ºC to +70ºC)Absolute Maximum Ratings
Limits
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
Vcc
4.75
5.0
5.25
V
Switching current
Isw
100
mA
Bias current
IB
40
mA
Operating ambient temperature
Topr
−20
70
°C
Note: ISW+IB
≤ 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com