Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61880FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 4Page - Renesas Technology Corp M61880FP Datasheet HTML 5Page - Renesas Technology Corp M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp M61880FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 8 of 20
Electrical Characteristics
(Unless specified otherwise noted, VCC = 5 V ±5%, Ta = -20ºC to +70ºC)
Limits
Item
Symbo
l
Min.
Typ.
Max.
Unit
Test Conditions
“H” input voltage
DATA
VIH
2.0
V
ENB, S/H
2.0
V
“L” input voltage
DATA
VIL
0.8
V
ENB, S/H
0.8
V
Reference
voltage input
Vr
Vr
0.35
1.5
2.0
V
Vref
Vref
1.4
1.5
1.6
V
Io =
±10µA
0.1
mV/°C
Ta =
−20 to 25°C
Reference
voltage output
Temperature
coefficient
−0.1
Ta = 25 to 70°C
Operating
voltage range
LD
VLD
2.5
Vcc
V
ILD = 75mA
Effective voltage
upper limit
CH
VI
2.7
3.0
V
“H” output
voltage
CH
VOH
Vcc
−1.6
V
ENB = “L”, IOH = (−0.6mA)
“L” output
voltage
CH
VOL
0.6
V
ENB = “L”, IOL = (0.6mA)
Input voltage
II
20
µA
VI = 2.7V
DATA, ENB
−0.2
mA
VI = 0.4V
Switching
current (Note)
LD
Isw
75
mA
CH = 3.5V, Rs = 1.2k
Ω, VLD = 3V
Bias current
(Note)
LD
IB
20
mA
VB = 1.4V, RB = 70k
Ω, VLD = 3V
Load charge
current
CH
Icg
−0.2
−0.1
−0.66 mA
ENB = “L”, Vo = (0.6 to Vcc−1.6V)
Load discharge
current
CH
Idg
0.66
1.0
2.0
mA
ENB = “L”, Vo = (0.6 to Vcc−1.6V)
Off-state output
current
CH
Ioz
−0.5
0.5
µA
Vo = 2.0 to 3.0V, hold state
LD
LOFF
50
µA
ENB = “L”, DATA = “H”, Isw = 50mA
Off output
current
50
µA
ENB = “H”, DATA = “L”, Isw = 50mA
Icc
43
63
mA
DATA = 0V
Power supply
current
43
63
Vcc = 5.25V,
ENB =
0V, CH = 2.5V,
VB = 1.5V, Rs =
820
Ω, RB = 75 Ω
Ro = LD = 5.0V
DATA = 4.5V
* Reference values are values when Ta = 25ºC and VCC = 5 V.
Note:
These items indicate input voltage/output current conversion characteristics. The M61880 should be used with
ISW and IB within the Specification Value range given in “Recommended Operating Conditions.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com