Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65665CFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M65665CFP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65665CFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M65665CFP Datasheet HTML 6Page - Renesas Technology Corp M65665CFP Datasheet HTML 7Page - Renesas Technology Corp M65665CFP Datasheet HTML 8Page - Renesas Technology Corp M65665CFP Datasheet HTML 9Page - Renesas Technology Corp M65665CFP Datasheet HTML 10Page - Renesas Technology Corp M65665CFP Datasheet HTML 11Page - Renesas Technology Corp M65665CFP Datasheet HTML 12Page - Renesas Technology Corp M65665CFP Datasheet HTML 13Page - Renesas Technology Corp M65665CFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
M65665CFP/SP
Rev.2.00, Sep.04.2003, page 10 of 17
Address
Bit
Symbol
Read/
Write
Reset
Value
1/9 Ref.
Value
Remarks
0Ch
<7>
UV_FILTER_OFF
W/R
0
1h
Sub picture U,V output filter [0] on , [1] off
<6>
SET_ACC
W/R
0
0
Address 0Dh,0Eh setting mode : [0] fixed value, [1] released
to MCU
<5:4>
W/R
0
0
For test : 0 set only
<3>
SET_SIZE
W/R
0
0
Address 11h<6:0>,12h-14h setting mode : [0] fixed value,
[1] released to MCU
<2>
SET_VCHIP
W/R
0
0
Address 15h-17h setting mode : [0] fixed value, [1] released
to MCU
<1:0>
SYNC_DELAY<1:0>
W/R
0
0
Sub picture sync. delay control
0Dh
<7:4>
YUV_COL<3:0>
W/R
0
0
Sub picture color control parameter when YUV input
<3>
C_GAIN_SEL
W/R
0
0
Sub picture chroma : [0] X1 , [1] X2
<2>
WDOF_KILLER_ON
W/R
0
0
Sub picture killer on when burst PLL is unlock : [0] off , [1]
on
<1>
SET_YUV
W/R
0
0
For test : 0 set only
<0>
CVF
W/R
0
0
Internal chroma comb filter : [0] on , [1] off
0Eh
<7>
BITSEL
W/R
0
0
Sub picture Y clamp time constant : [0] X2 , [1] X1
<6>
AFCBITSEL
W/R
0
0
Sub picture AFC time constant : [0] X2 , [1] X1
<5:0>
ACC_LEVEL<5:0>
W/R
0
15h
Sub picture color decoder amplitude
0Fh
<7>
W/R
0
0
For test : 0 set only
<6>
W/R
0
0
For test : 0 set only
<5>
W/R
0
0
For test
<4>
INV_RFF
W/R
0
0
Invert main picture field definition : [0] normal , [1] invert
<3>
INV_WFF
W/R
0
0
Invert sub picture field definition : [0] normal , [1] invert
<2>
W/R
0
0
For test : 0 set only
<1>
RFF_FIX
W/R
0
0
Main picture field fix : [0] not fix , [1] fix
<0>
W/R
0
1h
For test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com