Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65665CFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65665CFP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65665CFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65665CFP Datasheet HTML 9Page - Renesas Technology Corp M65665CFP Datasheet HTML 10Page - Renesas Technology Corp M65665CFP Datasheet HTML 11Page - Renesas Technology Corp M65665CFP Datasheet HTML 12Page - Renesas Technology Corp M65665CFP Datasheet HTML 13Page - Renesas Technology Corp M65665CFP Datasheet HTML 14Page - Renesas Technology Corp M65665CFP Datasheet HTML 15Page - Renesas Technology Corp M65665CFP Datasheet HTML 16Page - Renesas Technology Corp M65665CFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M65665CFP/SP
Rev.2.00, Sep.04.2003, page 13 of 17
The relation of input signal 32-pin (Main-HD) and 33-pin (Main-VD) is shown below
32-pin input
(Main-HD)
33-pin input
(Main-VD)
[Even to Odd]
+10
µsec
-10
µsec
+21.75
µsec
+41.75
µsec
33-pin input
(Main-VD)
[Odd to Even]
0
+53.5
µsec
31.75
µs
4H
1H
end of vertical equalization pulse
VD input
prohibition time of
changing 33-pin signal
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
20
µs
VD input
Driving Method and Operating Specification for Serial Interface Data
(1) Serial data transmission completion and start
A low-to-high transition of the DATA (serial data) line while the CLK (serial clock) is high, that completes the serial
transmission and makes the bus free. A high-to-low transition of the DATA line while the CLK is high, that starts the
serial transmission and waits for the following CLK and DATA inputs.
(2) Serial data transmission
The data are transmitted in the most significant bit (MSB) first by one-byte unit on the DATA line successively. One-
byte data transmission is completed by 9 clock cycles, the former 8 cycles are for address/data and the latter one is for
acknowledge detection. (In writing state, SDATA outputs ‘L' under these two conditions ; 1) the coincidence of two
address data for the address data transmission, 2) the completion of 8-bit setting data transfer. In reading state, SDATA
outputs ‘L' with the address coincidence and SDATA becomes high-impedance for detecting acknowledge input from
the master (micro processor) after sending 8-bit setting data.) For address/data transmission, DATA must change while
CLK is 'L'. (The data change while CLK is 'H' or the simultaneous change of CLK and DATA, that will be a false
operation because of undistinguished condition from the completion / start of serial data transfer). After the beginning
of serial data transmission, the total number of data bytes that can be transferred are not limited.
(3) The byte format of data transmission (The sequence of data transmission)
a. The byte format during data writing to M65665CFP/SP are shown as follows.
In right after the forming of serial data transmitting state, the slave address 24h (00100100b) is transferred. Afterwards,
the internal register address (1 byte) and writing data (by 1 byte unit) are transferred successively. Several bytes of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com