Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65665CFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M65665CFP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65665CFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M65665CFP Datasheet HTML 1Page - Renesas Technology Corp M65665CFP Datasheet HTML 2Page - Renesas Technology Corp M65665CFP Datasheet HTML 3Page - Renesas Technology Corp M65665CFP Datasheet HTML 4Page - Renesas Technology Corp M65665CFP Datasheet HTML 5Page - Renesas Technology Corp M65665CFP Datasheet HTML 6Page - Renesas Technology Corp M65665CFP Datasheet HTML 7Page - Renesas Technology Corp M65665CFP Datasheet HTML 8Page - Renesas Technology Corp M65665CFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev.2.00, Sep.04.2003, page 1 of 17
M65665CFP/SP
PICTURE-IN-PICTURE SIGNAL PROCESSING
REJ03F0011-0100Z
Rev.2.00
Sep.04.2003
Description
The M65665CFP/SP is a PIP (Picture in Picture) signal processing LSI, whose sub-picture input is composite signal or
component signals(Y/C or Y/U/V) for NTSC.
The built-in field memory (168k-bit RAM) , V-chip data slicer and analog circuitries lead the high quality PIP system
low cost and small size.
Features
• Internal V-chip data slicer (for sub-picture)
• Vertical filter for sub-picture ( Y signal )
• Base band com filter (2 Line)
• Single sub-picture ( selectable picture size : 1/9 , 1/16 )
• Sub-picture processing specification ( 1/9 , 1/16 size) :
Quantization bits Y, B-Y, R-Y : 7 bits
Horizontal sampling 229 pixels (Y), 57 pixels (B-Y, R-Y)
Vertical lines 69/ 52 lines
• Frame ( sub-picture ) on/off
• Built-in analog circuits :
Two 8-bit A/D converters (for sub-picture signal)
Three 8-bit D/A converters (for Y, U and V of sub-picture)
Auto Slicer(Sync Sep.), Sync-tip-clamp, VCXO, OSD switch, etc..
• IIC BUS control ( parallel/serial control) :
PIP on/off , Frame on/off ( programmable luma level),
Sub-picture size ( 1/9, 1/16 ),
PIP position ( free position ), Picture freeze ,
Y delay adjustment, Chroma level, Tint, Black level, Contrast ...etc..
Application
NTSC color TV
Recommended Operating Conditions
Supply voltage range --------------------- 3.2 to 3.5 V
Recommended supply voltage --------------------- 3.3 V


Similar Part No. - M65665CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65665 MITSUBISHI-M65665 Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65665FP MITSUBISHI-M65665FP Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP MITSUBISHI-M65665SP Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65665CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP MITSUBISHI-M65665SP Datasheet
266Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
Picture-in-Picture Signal Processing
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
Picture-in-Picture Signal Processing
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com