Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7136 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 93Page - Renesas Technology Corp SH7136 Datasheet HTML 94Page - Renesas Technology Corp SH7136 Datasheet HTML 95Page - Renesas Technology Corp SH7136 Datasheet HTML 96Page - Renesas Technology Corp SH7136 Datasheet HTML 97Page - Renesas Technology Corp SH7136 Datasheet HTML 98Page - Renesas Technology Corp SH7136 Datasheet HTML 99Page - Renesas Technology Corp SH7136 Datasheet HTML 100Page - Renesas Technology Corp SH7136 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1160 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 10, 2008 Page 71 of 1130
REJ09B0402-0200
Table 4.7
Crystal Resonator Characteristics
Frequency (MHz)
5
8
10
12.5
Rs Max. (
Ω) (Reference values)
120
80
60
50
C0 Max. (pF) (Reference values)
7
7
7
7
4.6.2
External Clock Input Method
Figure 4.4 shows an example of an external clock input connection. In this case, make the external
clock high level to stop it when in software standby mode. During operation, make the external
input clock frequency 5 to 12.5 MHz.
When leaving the XTAL pin open, make sure the parasitic capacitance is less than 10 pF.
Even when inputting an external clock, be sure to wait at least the oscillation stabilization time in
power-on sequence or in releasing software standby mode, in order to ensure the PLL stabilization
time.
EXTAL
XTAL
External clock input
Open state
Figure 4.4 Example of External Clock Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com