Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7136 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 27Page - Renesas Technology Corp SH7136 Datasheet HTML 28Page - Renesas Technology Corp SH7136 Datasheet HTML 29Page - Renesas Technology Corp SH7136 Datasheet HTML 30Page - Renesas Technology Corp SH7136 Datasheet HTML 31Page - Renesas Technology Corp SH7136 Datasheet HTML 32Page - Renesas Technology Corp SH7136 Datasheet HTML 33Page - Renesas Technology Corp SH7136 Datasheet HTML 34Page - Renesas Technology Corp SH7136 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1160 page
background image
Section 1 Overview
Rev. 2.00 Sep. 10, 2008 Page 5 of 1130
REJ09B0402-0200
Items
Specification
Multi-function timer
pulse unit 2 (MTU2)
• Reset-synchronized PWM mode
Three-phase PWM waveforms in positive and negative phases can be
output with a required duty cycle
• Phase counting mode
Two-phase encoder pulse counting available
Multi-function timer
pulse unit 2S (MTU2S)
• Subset version of MTU2, having only channels 3, 4, and 5
• Operates at 80 MHz max.
Port output enable
(POE)
• High-impedance control of waveform output pins in MTU2 and MTU2S
Compare match timer
(CMT)
• 16-bit counters
• Compare match interrupts can be generated
• Two channels
Serial communication
interface (SCI)
• Clock synchronous or asynchronous mode
• Three channels
Synchronous serial
communication unit
(SSU)
• Master mode or slave mode selectable
• Standard mode or bidirectional mode selectable
• Transmit/receive data length can be selected from 8, 16, and 32 bits.
• Full-duplex communication (transmission and reception executed
simultaneously)
• Consecutive serial communication
• One channel
I
2C bus interface (IIC2)
• Conforming to Philips I2C bus interface specifications
• Master mode and slave mode supported
• Continuous transmission/reception
• I2C bus format or clock synchronous serial format selectable
• One channel
Controller area
network (RCAN-ET)
• CAN version: Bosch 2.0B active is supported
• Buffer size: 15 buffers for transmission/reception and one buffer for
reception only
• One channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com