| Electronic Components Datasheet Search |
|
SH7149 Datasheet(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7149 Datasheet(HTML) 55 Page - Renesas Technology Corp |
|
55 / 1022 page ![]() Section 1 Overview Rev. 3.00 May 17, 2007 Page 11 of 974 REJ09B0229-0300 Classification Symbol I/O Name Function RES I Power-on reset When low, this LSI enters the power- on reset state. MRES I Manual reset When low, this LSI enters the manual reset state. WDTOVF O Watchdog timer overflow Output signal for the watchdog timer overflow. If this pin needs to be pulled down, use the resistor larger than 1 M Ω to pull this pin down. BREQ I Bus-mastership request Low when an external device requests the release of the bus mastership. This pin is not available in the SH7146. System control BACK O Bus-mastership request acknowledge Indicates that the bus mastership has been released to an external device. Reception of the BACK signal informs the device which has output the BREQ signal that it has acquired the bus. This pin is not available in the SH7146. NMI I Non-maskable interrupt Non-maskable interrupt request pin. Fix to high or low level when not in use. Interrupts IRQ3 to IRQ0 I Interrupt requests 3 to 0 Maskable interrupt request pin. Selectable as level input or edge input. The rising edge, falling edge, and both edges are selectable as edges. IRQOUT O Interrupt request output Shows that an interrupt cause has occurred. The interrupt cause can be recognized even in the bus release state. Address bus A19 to A0 O Address bus Outputs addresses. No address bus pins are available in the SH7146. Data bus D15 to D0 I/O Data bus 16-bit bidirectional bus. No data bus pins are available in the SH7146. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |