Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7201 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 25Page - Renesas Technology Corp SH7201 Datasheet HTML 26Page - Renesas Technology Corp SH7201 Datasheet HTML 27Page - Renesas Technology Corp SH7201 Datasheet HTML 28Page - Renesas Technology Corp SH7201 Datasheet HTML 29Page - Renesas Technology Corp SH7201 Datasheet HTML 30Page - Renesas Technology Corp SH7201 Datasheet HTML 31Page - Renesas Technology Corp SH7201 Datasheet HTML 32Page - Renesas Technology Corp SH7201 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 1 of 1164
REJ09B0321-0200
Section 1 Overview
1.1
SH7201 Group Features
This LSI is a single-chip RISC (Reduced Instruction Set Computer) microprocessor that integrates
a Renesas Technology original RISC CPU core with peripheral functions required for system
configuration.
The CPU incorporated in this LSI is the SH-2A CPU, which features upward compatibility on the
object code level with the SH-1, SH-2, and SH-2E microcomputers. The CPU has a RISC-type
instruction set and employs a superscalar architecture and the Harvard architecture, which greatly
improves instruction execution speed. In addition, the 32-bit internal-bus architecture independent
of the bus for the direct memory access controller (DMAC) enhances data processing power. This
CPU realizes low-cost, high-performance, and high-functioning systems for applications such as
high-speed realtime control, which has been next to impossible with the conventional
microcomputers.
This LSI has a floating-point unit and a cache.
In addition, this LSI includes on-chip peripheral functions necessary for system configuration,
such as, 32-Kbyte RAM for high-speed operation, a controller area network (RCAN-ET), a serial
sound interface (SSI), a serial communication interface with FIFO (SCIF), I
2C bus interface 3
(IIC3), a multi-function timer pulse unit 2 (MTU2), an 8-bit timer (TMR), a realtime clock (RTC),
an A/D converter, a D/A converter, an interrupt controller (INTC), I/O ports, and advanced user
debugger II (AUD-II).
This LSI also provides an external memory access support function to enable direct connection to
various memory devices or peripheral LSIs. These on-chip functions significantly reduce costs of
designing and manufacturing application systems.
The features of this LSI are listed in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com