Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7201 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 27Page - Renesas Technology Corp SH7201 Datasheet HTML 28Page - Renesas Technology Corp SH7201 Datasheet HTML 29Page - Renesas Technology Corp SH7201 Datasheet HTML 30Page - Renesas Technology Corp SH7201 Datasheet HTML 31Page - Renesas Technology Corp SH7201 Datasheet HTML 32Page - Renesas Technology Corp SH7201 Datasheet HTML 33Page - Renesas Technology Corp SH7201 Datasheet HTML 34Page - Renesas Technology Corp SH7201 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 3 of 1164
REJ09B0321-0200
Item
Features
Floating-point Unit
(FPU)
• Floating-point co-processor included
• Supports single-precision (32-bit) and double-precision (64-bit)
• Supports data type and exceptions that conforms to IEEE754 standard
• Two rounding modes: Round to nearest and round to zero
• Denormalization modes: Flush to zero
• Floating-point registers
Sixteen 32-bit floating-point registers (single-precision
× 16 words or
double-precision
× 8 words)
Two 32-bit floating-point system registers
• Supports FMAC (multiplication and accumulation) instructions
• Supports FDIV (division) and FSQRT (square root) instructions
• Supports FLDI0/FLDI1 (load constant 0/1) instructions
• Instruction execution time
Latency (FAMC/FADD/FSUB/FMUL): Three cycles (single-precision),
eight cycles (double-precision)
Pitch (FAMC/FADD/FSUB/FMUL): One cycle (single-precision), six
cycles (double-precision)
Note: FMAC only supports single-precision
• 5-stage pipeline
Cache
• Instruction cache: 8 Kbytes
• Operand cache: 8 Kbytes
• 128-entry, 4-way set associative, 16-byte block length configuration
each for the instruction cache and operand cache
• Write-back, write-through and LRU replacement algorithm
• Cache locking function available (only for operand cache); ways 2 and
3 can be locked
Interrupt controller
(INTC)
• Seventeen external interrupt pins (NMI, IRQ7 to IRQ0, and PINT7 to
PINT0)
• On-chip peripheral interrupts: Priority level set for each module
• 16 priority levels available
• Register bank enabling fast register saving and restoring in interrupt
handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com