| Electronic Components Datasheet Search |
|
R8C2C Datasheet(PDF) 94 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2C Datasheet(HTML) 94 Page - Renesas Technology Corp |
|
94 / 615 page ![]() R8C/2C Group, R8C/2D Group 7. Programmable I/O Ports Rev.2.00 Dec 05, 2007 Page 73 of 585 REJ09B0339-0200 X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTES: 1. Pulled up by setting the PU03 bit in the PUR0 register to 1. 2. N-channel open-drain output by setting the NCH bit in the U0C0 register to 1. Table 7.12 Port P1_0/KI0/AN8 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_0 KI0EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0 X XX XX X Input port(1) 1 X X X X X X Output port 0 1 XX XX X KI0 input 0 X 1 0 0 0 1 A/D converter input (AN8) Table 7.13 Port P1_1/KI1/AN9 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_1 KI1EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 01 X X X X X KI1 input 0 X 1 0 1 0 1 A/D converter input (AN9) Table 7.14 Port P1_2/KI2/AN10 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_2 KI2EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 01 X X X X X KI2 input 0 X 1 1 0 0 1 A/D converter input (AN10) Table 7.15 Port P1_3/KI3/AN11 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_3 KI3EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 01 X X X X X KI3 input 0 X 1 1 1 0 1 A/D converter input (AN11) Table 7.16 Port P1_4/TXD0 Register PD1 U0MR Function Bit PD1_4 SMD2 SMD1 SMD0 Setting Value 000 0 Input port(1) 1 0 0 0 Output port X 00 1 TXD0 output(2) 10 0 10 1 11 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |