Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 355Page - Renesas Technology Corp R8C2K Datasheet HTML 356Page - Renesas Technology Corp R8C2K Datasheet HTML 357Page - Renesas Technology Corp R8C2K Datasheet HTML 358Page - Renesas Technology Corp R8C2K Datasheet HTML 359Page - Renesas Technology Corp R8C2K Datasheet HTML 360Page - Renesas Technology Corp R8C2K Datasheet HTML 361Page - Renesas Technology Corp R8C2K Datasheet HTML 362Page - Renesas Technology Corp R8C2K Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 471 page
background image
R8C/2K Group, R8C/2L Group
18. Hardware LIN
Rev.1.10
Dec 21, 2007
Page 342 of 450
REJ09B0406-0110
Figure 18.9
Example of Header Field Reception Flowchart (2)
Timer RA Set to start a pulse width measurement
TSTART bit in the TRACR register
← 1
Timer RA Read the count status flag
TCSTF flag in the TRACR register
Hardware LIN Set to start Synch Break detection
LSTART bit in the LINCR register
← 1
Hardware LIN Read the RXD0 input status flag
RXDSF flag in the LINCR register
A
TCSTF = 1 ?
YES
RXDSF = 1 ?
YES
NO
NO
Timer RA waits until the timer starts
counting.
Hardware LIN Clear the status flags
(Bus collision detection, Synch Break
detection, Synch Field measurement)
Bits B2CLR, B1CLR, B0CLR in the LINST
register
← 1
Hardware LIN Read the Synch Break detection flag
SBDCT flag in the LINST register
SBDCT = 1 ?
YES
NO
B
Do not apply “L” level to the RXD pin
until the RXDSF flag reads 1 after
writing 1 to the LSTART bit. This is
because the signal applied during this
time is input directly to UART0.
Three to five cycles of the CPU clock
are required after the LSTART bit is set
to 1 before the RXDSF flag is set to 1.
After this, input to timer RA and UART0
is enabled.
Hardware LIN detects a Synch Break.
The interrupt of the timer RA may be
used.
Hardware LIN waits until the RXD0
input for UART0 is masked.
When Synch Break is detected, timer
RA is reloaded with the initially set
count value.
Even if the duration of the input “L”
level is shorter than the set period,
timer RA is reloaded with the initially
set count value and waits until the
next “L” level is input.
Three to five cycles of the CPU clock
are required after Synch Break
detection before the SBDCT flag is
set to 1.
When the SBE bit in the LINCR
register is set to 0 (unmasked after
Synch Break is detected), timer RA
can be used in timer mode after the
SBDCT flag in the LINST register is
set to 1 and the RXDSF flag is set to
0.
Zero to one cycle of the timer RA count
source is required after timer RA starts
counting before the TCSTF flag is set to
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com