Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 78Page - Renesas Technology Corp R8C2K Datasheet HTML 79Page - Renesas Technology Corp R8C2K Datasheet HTML 80Page - Renesas Technology Corp R8C2K Datasheet HTML 81Page - Renesas Technology Corp R8C2K Datasheet HTML 82Page - Renesas Technology Corp R8C2K Datasheet HTML 83Page - Renesas Technology Corp R8C2K Datasheet HTML 84Page - Renesas Technology Corp R8C2K Datasheet HTML 85Page - Renesas Technology Corp R8C2K Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 65 of 450
REJ09B0406-0110
NOTES:
1.
Pulled up by setting the PU06 bit in the PUR0 register to 1.
2.
To use the INT3, set the PMR register to “04h”.
3.
To use the Timer RC, set the PINSR3 register to “1Fh”.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU07 bit in the PUR0 register to 1.
2.
To use the Timer RC, set the PINSR3 register to “1Fh”.
X: 0 or 1
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU07 bit in the PUR0 register to 1.
2.
To use the Timer RC, set the PINSR3 register to “1Fh”.
Table 7.28
Port P3_3/INT3/ TRCCLK
Register
PD3
TRCCR1
INTEN
Function
Bit
PD3_3
TCK2
TCK1
TCK0
INT3EN
Setting
Value
0
Other than 101b
0
Input port(1)
1
Other than 101b
0
Output port
0
Other than 101b
1
INT3 input(1, 2)
01010
TRCCLK
input(1, 3)
Table 7.29
Port P3_4/TRCIOC
Register
PD3
Timer RC Setting
Function
Bit
PD3_3
Setting
Value
0
Other than TRCIOC usage conditions
Input port(1)
1
Other than TRCIOC usage conditions
Output port
X
Refer to Table 7.30 TRCIOC Pin Setting
TRCIOC output(2)
0
Refer to Table 7.30 TRCIOC Pin Setting
TRCIOC input(1, 2)
Table 7.30
TRCIOC Pin Setting
Register
TRCOER
TRCMR
TRCIOR1
Function
Bit
EC
PWM2
PWMC
IOC2
IOC1
IOC0
Setting
value
0
1
1
X
X
X
PWM mode waveform output
01
0
00
1
Timer waveform output (output compare
function)
01
X
0
10
1X
X
Timer mode (input capture function)
11
X
X
Other than above
Other than TRCIOC usage conditions
Table 7.31
Port P3_5/TRCIOD
Register
PD3
Timer RC Setting
Function
Bit
PD3_5
Setting
Value
0
Other than TRCIOD usage conditions
Input port(1)
1
Other than TRCIOD usage conditions
Output port
X
Refer to Table 7.32 TRCIOD Pin Setting
TRCIOD output(2)
0
Refer to Table 7.32 TRCIOD Pin Setting
TRCIOD input(1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com