Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 70Page - Renesas Technology Corp R8C2K Datasheet HTML 71Page - Renesas Technology Corp R8C2K Datasheet HTML 72Page - Renesas Technology Corp R8C2K Datasheet HTML 73Page - Renesas Technology Corp R8C2K Datasheet HTML 74Page - Renesas Technology Corp R8C2K Datasheet HTML 75Page - Renesas Technology Corp R8C2K Datasheet HTML 76Page - Renesas Technology Corp R8C2K Datasheet HTML 77Page - Renesas Technology Corp R8C2K Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 471 page
background image
R8C/2K Group, R8C/2L Group
7. Programmable I/O Ports
Rev.1.10
Dec 21, 2007
Page 57 of 450
REJ09B0406-0110
Figure 7.12
Registers PUR0, and PUR1
Pull-Up Control Register 1
Symbol
Address
After Reset
PUR1
00FDh
XX000000b
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
(b7-b2)
PU11
P4_5 pull-up(1)
RW
(b0)
0 : Not pulled up
1 : Pulled up
b7 b6 b5 b4
b0
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
b3 b2 b1
Pull-Up Control Register 0
Symbol
Address
After Reset
PUR0
00FCh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
PU01
P2_4 to P2_7 pull-up(1)
RW
RW
RW
RW
P2_0 to P2_3 pull-up(1)
RW
P0_5 pull-up(1)
P0_0 to P0_3 pull-up(1)
PU00
0 : Not pulled up
1 : Pulled up
RW
b0
PU04
PU02
PU03
P1_4 to P1_7 pull-up(1)
P1_0 to P1_3 pull-up(1)
b7 b6 b5 b4 b3 b2 b1
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
PU07
PU05
RW
P3_4 to P3_5 pll-up(1)
PU06
P3_3 pll-up(1)
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com