Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 376Page - Renesas Technology Corp R8C2K Datasheet HTML 377Page - Renesas Technology Corp R8C2K Datasheet HTML 378Page - Renesas Technology Corp R8C2K Datasheet HTML 379Page - Renesas Technology Corp R8C2K Datasheet HTML 380Page - Renesas Technology Corp R8C2K Datasheet HTML 381Page - Renesas Technology Corp R8C2K Datasheet HTML 382Page - Renesas Technology Corp R8C2K Datasheet HTML 383Page - Renesas Technology Corp R8C2K Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 471 page
background image
R8C/2K Group, R8C/2L Group
20. Flash Memory
Rev.1.10
Dec 21, 2007
Page 363 of 450
REJ09B0406-0110
20.2
Memory Map
The flash memory contains a user ROM area and a boot ROM area (reserved area).
Figure 20.1 shows the Flash Memory Block Diagram for R8C/2K Group and Figure 20.2 shows the Flash Memory
Block Diagram for R8C/2L Group.
The user ROM area contains program ROM. In addition, the R8C/2L Group has on-chip data flash.
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite mode, and
standard serial I/O mode, and parallel I/O mode.
The rewrite control program (standard boot program) for standard serial I/O mode is stored in the boot ROM area
before shipment. The boot ROM area and the user ROM area share the same address, but have separate memory
areas.
Figure 20.1
Flash Memory Block Diagram for R8C/2K Group
Figure 20.2
Flash Memory Block Diagram for R8C/2L Group
Boot ROM area
(reserved area)(2)
8 Kbytes
0E000h
0FFFFh
User ROM area
User ROM area
Block 0: 8 Kbytes(1)
0E000h
0FFFFh
Block 0: 8 Kbytes(1)
0C000h
0FFFFh
16 Kbytes ROM product
Program ROM
8 Kbytes ROM product
NOTES:
1. When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled) and the FMR15 bit in the FMR1 register is set to 0 (rewrite
enabled), block 0 is rewritable. When the FMR16 bit is set to 0 (rewrite enabled), block 1 is rewritable (only for CPU rewrite mode).
2. This area is for storing the boot program provided by Renesas Technology.
Block 1: 8 Kbytes(1)
0DFFFh
0E000h
Boot ROM area
(reserved area)(2)
8 Kbytes
0E000h
0FFFFh
User ROM area
Block 0: 8 Kbytes(1)
0E000h
0FFFFh
User ROM area
Block 1: 8 Kbytes(1)
0C000h
0FFFFh
Block B: 1 Kbyte
Block A: 1 Kbyte
02400h
02BFFh
16 Kbytes ROM product
Program ROM
Data flash
Block B: 1 Kbyte
Block A: 1 Kbyte
02400h
02BFFh
8 Kbytes ROM product
Block 0: 8 Kbytes(1)
0DFFFh
0E000h
NOTES:
1. When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled) and the FMR15 bit in the FMR1 register is set to 0 (rewrite
enabled), block 0 is rewritable. When the FMR16 bit is set to 0 (rewrite enabled), block 1 is rewritable (only for CPU rewrite mode).
2. This area is for storing the boot program provided by Renesas Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com